Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1631 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1631
Description  High-Precision Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1631 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1631_15 Datasheet HTML 1Page - Maxim Integrated Products DS1631_15 Datasheet HTML 2Page - Maxim Integrated Products DS1631_15 Datasheet HTML 3Page - Maxim Integrated Products DS1631_15 Datasheet HTML 4Page - Maxim Integrated Products DS1631_15 Datasheet HTML 5Page - Maxim Integrated Products DS1631_15 Datasheet HTML 6Page - Maxim Integrated Products DS1631_15 Datasheet HTML 7Page - Maxim Integrated Products DS1631_15 Datasheet HTML 8Page - Maxim Integrated Products DS1631_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Voltage on any Pin Relative to Ground................-0.5V to +6.0V
Operating Temperature Range......................... -55°C to +125°C
Storage Temperature Range............................ -55°C to +125°C
Solder Dip Temperature (10s) .......See IPC/JEDEC J-STD-020A
Specification
Reflow Oven Temperature...............................................+220°C
(VDD = 2.7V to 5.5V; TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITION
MIN
MAX
UNITS
Supply Voltage
VDD
(Note 1)
2.7
5.5
V
DS1631, DS1631A
Thermometer Error (Note 2)
TERR
0°C to +70°C,
3.0V ≤ VDD ≤ 5.5V
±0.5
°C
0°C to +70°C,
2.7V ≤ VDD < 3.0V
±1
-55°C to +125°C
±2
DS1731 Thermometer Error
(Note 2)
TERR
-10°C to +85°C,
3.0V ≤ VDD ≤ 5.5V
±1
°C
-10°C to +85°C,
2.7V ≤ VDD < 3.0V
±1.5
-55°C to +125°C
±2
Low-Level Input Voltage
VIL
-0.5
0.3 x VDD
V
High-Level Input Voltage
VIH
0.7 x VDD VDD + 0.3
V
SDA Low-Level Output
Voltage
VOL1
3mA sink current
0
0.4
V
VOL2
6mA sink current
0
0.6
Input Current Each I/O Pin
0.4 < VI/O < 0.9VDD
-10
+10
µA
Active Supply Current (Note 3)
IDD
Temperature conversion
-55°C to +85°C
1
mA
Temperature conversion
+85°C to +125°C
1.25
E2 write
400
µA
Communication only
110
Standby Supply Current
ISTBY
0°C to +70°C (Note 4)
800
nA
TOUT Output Logic Voltage
VOH
1mA source current (Note 1)
2.4
V
VOL
4mA sink current (Note 1)
0.4
V
DS1631/DS1631A/
DS1731
High-Precision Digital
Thermometer and Thermostat
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
*These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods of time may affect reliability.
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com