Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX200 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX200
Description  5V, RS-232 Transceivers with 0.1μF External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX200 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX200_15 Datasheet HTML 1Page - Maxim Integrated Products MAX200_15 Datasheet HTML 2Page - Maxim Integrated Products MAX200_15 Datasheet HTML 3Page - Maxim Integrated Products MAX200_15 Datasheet HTML 4Page - Maxim Integrated Products MAX200_15 Datasheet HTML 5Page - Maxim Integrated Products MAX200_15 Datasheet HTML 6Page - Maxim Integrated Products MAX200_15 Datasheet HTML 7Page - Maxim Integrated Products MAX200_15 Datasheet HTML 8Page - Maxim Integrated Products MAX200_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
VCC..........................................................................-0.3V to +6V
V+ .............................................................. (VCC - 0.3V) to +14V
V- ...........................................................................+0.3V to -14V
Input Voltages
TIN ........................................................ -0.3V to (VCC + 0.3V)
RIN...................................................................................±30V
Output Voltages
TOUT................................................(V+ + 0.3V) to (V- - 0.3V)
ROUT .................................................... -0.3V to (VCC + 0.3V)
Short-Circuit Duration
TOUT......................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)...800mW
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)...842mW
16-Pin SO (derate 8.70mW/°C above +70°C).............696mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ...762mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C) .....800mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C) ...889mW
20-Pin Wide SO (derate 10.00mW/°C above +70°C) ..800mW
20-Pin CERDIP (derate 11.11mW/°C above +70°C)...889mW
24-Pin Narrow Plastic DIP
(derate 13.33mW/°C above +70°C) .......................1067mW
24-Pin Wide Plastic DIP
(derate 9.09mW/°C above +70°C) ...........................727mW
24-Pin Wide SO (derate 11.76mW/°C above +70°C)..941mW
24-Pin SSOP (derate 8.00mW/°C above +70°C)........640mW
24-Pin CERDIP (derate 12.50mW/°C above +70°C) ...1000mW
28-Pin Wide SO (derate 12.50mW/°C above +70°C) ..1000mW
28-Pin SSOP (derate 9.52mW/°C above +70°C)........762mW
Operating Temperature Ranges
MAX2_ _C_ _ .....................................................0°C to +70°C
MAX2_ _E_ _ ................................................. -40°C to +85°C
MAX2_ _ M_ _.............................................. -55°C to +125°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10s) (Note 1) ...................+300°C
(MAX202/MAX204/MAX206/MAX208/MAX211/MAX213: VCC = +5V ±10%; MAX200/MAX203/MAX205/MAX207: VCC = +5V ±5%,
C1–C4 = 0.1µF; MAX201/MAX209: VCC = +5V ±10%, V+ = +9.0V to +13.2V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Output-Voltage Swing
All transmitter outputs loaded with 3kΩ to ground
±5
±8
V
VCC Power-Supply
Current
No load, TA = +25°C
MAX202, MAX203
8
15
mA
MAX200, MAX204–MAX208, MAX211,
MAX213
11
20
MAX201, MAX209
0.4
1
V+ Power-Supply Current
No load
MAX201
5
10
mA
MAX209
7
15
Shutdown Supply Current
Figure 1, TA = +25°C
MAX200, MAX205, MAX206, MAX211
1
10
µA
MAX213
15
50
Input Logic Threshold Low
TIN, EN, SHDN, EN, SHDN
0.8
V
Input Logic Threshold High
TIN
2.0
V
EN, SHDN, EN, SHDN
2.4
Logic Pullup Current
TIN = 0V
15
200
µA
RS-232 Input-Voltage
Operating Range
-30
+30
V
MAX200–MAX209/
MAX211/MAX213
+5V, RS-232 Transceivers
with 0.1μF External Capacitors
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Maximum reflow temperature for the MAX203 and MAX205 is +225°C.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com