Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9202CS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9202CS
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202CS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9202CS Datasheet HTML 7Page - Richtek Technology Corporation RT9202CS Datasheet HTML 8Page - Richtek Technology Corporation RT9202CS Datasheet HTML 9Page - Richtek Technology Corporation RT9202CS Datasheet HTML 10Page - Richtek Technology Corporation RT9202CS Datasheet HTML 11Page - Richtek Technology Corporation RT9202CS Datasheet HTML 12Page - Richtek Technology Corporation RT9202CS Datasheet HTML 13Page - Richtek Technology Corporation RT9202CS Datasheet HTML 14Page - Richtek Technology Corporation RT9202CS Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT9202
DS9202-02 August 2002
www.richtek.com
11
Applications Information
Inductor Selection
The RT9202 was designed for VIN = 5V, step-down
application mainly. Fig.5 shows the typical topology
and waveforms of step-down converter.
The ripple current of inductor can be calculated as
follows:
ILRIPPLE = (5V - VOUT)/L × TON
Because operation frequency is fixed at 300kHz,
TON = 3.33 × VOUT/5V
The VOUT ripple is
VOUT RIPPLE = ILRIPPLE × ESR
ESR is output capacitor equivalent series resistor
Table 1 shows the ripple voltage of VOUT: VIN = 5V
Table 1
Fig.5
VOUT
3.3V
2.5V
1.5V
Inductor
2
µH5µH2µH5µH2µH5µH
1000
µF (ESR=53mΩ)
100mV
40mV
110mV
44mV
93mV
37mV
1500
µF (ESR=33mΩ)
62mV
25mV
68mV
28mV
58mV
23mV
3000
µF (ESR=21mΩ)
40mV
16mV
43mV
18mV
37mV
15mV
*Refer to Sanyo low ESR series (CE, DX, PX…)
The suggested L and C are as follows:
2
µH with ≥ 1500µF COUT
5
µH with ≥ 1000µF COUT
TON
TOFF
TS
VL
VI - VO
- V
O
IL = IO
iL
µQ
µI
L
iQ
IQ
iD
ID
C.C.M.
VL
R
VO
L
DC
Q
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com