Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9262CS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9262CS
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262CS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9262CS Datasheet HTML 4Page - Richtek Technology Corporation RT9262CS Datasheet HTML 5Page - Richtek Technology Corporation RT9262CS Datasheet HTML 6Page - Richtek Technology Corporation RT9262CS Datasheet HTML 7Page - Richtek Technology Corporation RT9262CS Datasheet HTML 8Page - Richtek Technology Corporation RT9262CS Datasheet HTML 9Page - Richtek Technology Corporation RT9262CS Datasheet HTML 10Page - Richtek Technology Corporation RT9262CS Datasheet HTML 11Page - Richtek Technology Corporation RT9262CS Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9262/A
Preliminary
www.richtek.com
DS9262/A-04 August 2002
8
Application Note
Output Voltage Setting
Referring to application circuits Fig.1 to Fig.5, the
output voltage of the switching regulator (VOUT1) can
be set with Eq.1.
The LDO output voltage (VOUT2 of RT9262) can be
set with Eq.2.
And trip point of the low battery detector is 0.86V at
LBI pin of RT9262A.
Feedback Loop Design
Referring to application circuits Fig.1 to Fig.5, The
selection of R1, R2, R3, and R4 based on the trade-
off between quiescent current consumption and
interference immunity is stated below:
• Follow Eq.1 and Eq.2.
• Higher R reduces the quiescent current (Path
current = 1.25V/R2, and 0.86V/R3), however
resistors beyond 5M
Ω are not recommended.
• Lower R gives better noise immunity, and is less
sensitive to interference, layout parasitics, FB/LFB
node leakage, and improper probing to FB/LFB
pins.
• A proper value of feed forward capacitor parallel
with R1 (or R4) on Fig.1 to Fig.5 can improve the
noise immunity of the feedback loops, especially in
an improper layout. An empirical suggestion is
around 100pF ~ 1nF for feedback resistors of M
Ω,
and 10nF ~ 0.1
µF for feedback resistors of tens to
hundreds K
Ω.
For applications without standby or suspend modes,
lower values of R1 to R4 are preferred. For
applications concerning the current consumption in
standby or suspend modes, the higher values of R1
to R4 are needed. Such “high impedance feedback
loops” are sensitive to any interference, which require
careful layout and avoid any interference, e.g.
probing to FB/LFB pins.
PRECAUTION 1: Improper probing to FB or LFB pin
will cause fluctuation at VOUT1 and VOUT2. It may
damage RT9262/A and system chips because VOUT1
may drastically rise to an over-rated level due to
unexpected interference or parasitics being added to
FB pin.
PRECAUTION 2: Disconnecting R1 or short circuit
across R2 may also cause similar IC damage as
described in precaution 1.
PRECAUTION 3: When large R values were used in
feedback loops, any leakage in FB/LFB node may
also cause VOUT1 and VOUT2 voltage fluctuation, and
IC damage. To be especially highlight here is when
the air moisture frozen and re-melt on the circuit
board may cause several
µA leakage between IC or
component pins. So, when large R values are used in
feedback
loops,
post
coating,
or
some
other
moisture-preventing processes are recommended.
Layout Guide
•
A full GND plane without gap break.
•
VOUT1 to GND noise bypass – Short and wide
connection for C2 to Pin1 and Pin6.
•
VIN to GND noise bypass – Add a 100µF
capacitor close to L1 inductor, when VIN is not an
idea voltage source.
•
Minimized FB/LFB node copper area and keep
far away from noise sources.
•
Minimized parasitic capacitance connecting to LX
and EXT nodes, which may cause additional
switching loss.
•
The following diagram is an example of 2-layer
board layout for application circuits Fig.1 to Fig.4.
V
25
.
1
)
2
R
1
R
1
(
V
1
OUT
×
+
=
Eq.1
V
86
.
0
)
3
R
4
R
1
(
V
2
OUT
×
+
=
Eq.2
Prober Parasitics
FB Pin
R1
R2
VOUT1
_
Q
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com