Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8506 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8506
Description  ACT8506 48-Channel Analog Multiplexer Module Radiation Tolerant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8506 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8506 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8506 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8506 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8506 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8506 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8506 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8506 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8506 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8506 Rev D
GENERAL DESCRIPTION
Aeroflex’s ACT8506 is a radiation tolerant, 48 channel multiplexer MCM (multi-chip module).
The ACT8506 has been specifically designed to meet exposure to radiation environments. The multiplexer
is available in a 96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (CQFP). It is
guaranteed operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534, the
ACT8506 is ideal for demanding military and space applications.
ORGANIZATION AND APPLICATION
The ACT8506 consists of six 16 channel multiplexers arranged as shown in the Block Diagram. The
ACT8506 design is inherently radiation tolerant.
The ACT8506 consists of forty-eight (48) channels addressable by bus A0~A3 in three 16 channel blocks,
each block enabled separately. Each block connects the addressed channel to two outputs, "Output" and
"Current". This technique enables selecting and reading a remote resistive sensor without the MUX
resistance being part of the measurement. For grounded sensors, this is done by passing current to the
sensor by means of the "Current" pin and reading the resultant voltage (proportional to the sensor
resistance) at the "Output" pin.
ACT8506 48-Channel Analog Multiplexer Module
Radiation Tolerant
FEATURES
48 channels provided by six 16-channel multiplexers
Radiation performance
- Total dose:
300 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- SEU:
Immune up to 120 MeV-cm2/mg
- SEL:
Immune by process design
Full military temperature range
Low power consumption < 90mW
One address bus (A0-3) and three enable lines afford flexible organization
Fast access time 1500ns typical
Break-Before-Make switching
Same Form / Fit / Function as ACT8502 minus channel input transorbs
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic
- 96 leads, 1.32"Sq x 0.20"Ht quad flat pack
- Typical Weight 15 grams
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
www.aeroflex.com/mux
Standard Products
May 5, 2014
Datasheet


Similar Part No. - ACT8506

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-7 AEROFLEX-ACT8500-7 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-C AEROFLEX-ACT8500-C Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-I AEROFLEX-ACT8500-I Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-S AEROFLEX-ACT8500-S Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results

Similar Description - ACT8506

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8507 AEROFLEX-MUX8507 Datasheet
397Kb / 9P
MUX8507 64-Channel Analog Multiplexer Module Radiation Tolerant
MUX8509 AEROFLEX-MUX8509 Datasheet
387Kb / 8P
MUX8509 64-Channel Analog Multiplexer Module Radiation Tolerant
MUX8522 AEROFLEX-MUX8522 Datasheet
324Kb / 8P
MUX8522 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
MUX8532 AEROFLEX-MUX8532 Datasheet
90Kb / 8P
MUX8532 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
logo
Intersil Corporation
ISL71030M INTERSIL-ISL71030M Datasheet
642Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com