Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8508 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8508
Description  ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8508 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8508 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8508 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8508 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8508 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8508 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8508 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8508 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8508 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8508 Rev E
FEATURES
32 Channels provided by two independent 16-channel multiplexers
Radiation performance
- Total dose:
300 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- SEU:
Immune up to 120 MeV-cm2/mg
- SEL:
Immune by process design
Full military temperature range
Low power consumption < 30mW
Two address busses (A0-3 & B0-3), and two enable lines afford flexible organization
All channel inputs protected by ±20V nominal Transorbs
Fast access time 1500ns typical
Break-Before-Make switching
High analog input impedance (power on or off )
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic
- 96 leads, 1.32"Sq x 0.20"Ht quad flat pack
- Typical Weight 15 grams
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
ACT8508 32-Channel Analog Multiplexer Module
Radiation Tolerant & ESD Protected
GENERAL DESCRIPTION
Aeroflex’s ACT8508 is a radiation tolerant, 32 channel multiplexer MCM (multi-chip module) with
electrostatic discharge (ESD) protection on all channel inputs.
The ACT8508 has been specifically designed to meet exposure to radiation environments. It is available in
a 96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (CQFP). It is guaranteed
operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534, the ACT8508
is ideal for demanding military and space applications.
ORGANIZATION AND APPLICATION
The ACT8508 consists of two 16 channel multiplexers arranged as shown in the Block Diagram. The
ACT8508 design is inherently radiation tolerant.
A SECTION
Sixteen (16) channels addressable by bus A0~A3, in one 16 channel block including enable.
B SECTION
Sixteen (16) channels addressable by bus B0~B3, in one 16 channel block including enable.
www.aeroflex.com/mux
Standard Products
April 2, 2014
Datasheet


Similar Part No. - ACT8508

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-7 AEROFLEX-ACT8500-7 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-C AEROFLEX-ACT8500-C Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-I AEROFLEX-ACT8500-I Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-S AEROFLEX-ACT8500-S Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results

Similar Description - ACT8508

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8520 AEROFLEX-MUX8520 Datasheet
89Kb / 8P
MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8523 AEROFLEX-MUX8523 Datasheet
92Kb / 8P
MUX8523 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8533 AEROFLEX-MUX8533 Datasheet
92Kb / 8P
MUX8533 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
logo
Intersil Corporation
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com