Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8511 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8511
Description  ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8511 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8511 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8511 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8511 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8511 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8511 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8511 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8511 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8511 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8511 Rev D
ACT8511 64-Channel Analog Multiplexer Module
Radiation Tolerant & ESD Protected
GENERAL DESCRIPTION
Aeroflex’s ACT8511 is a radiation tolerant, 64 channel multiplexer MCM (multi-chip module) with
electrostatic discharge (ESD) protection on all channel inputs.
The ACT8511 has been specifically designed to meet exposure to radiation environments. It is available in
a 96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (CQFP). It is guaranteed
operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534, the ACT8511
is ideal for demanding military and space applications.
ORGANIZATION AND APPLICATION
The ACT8511 consists of four 16 channel multiplexers arranged as shown in the Block Diagram. The
ACT8511 design is inherently radiation tolerant.
A SECTION
Thirty-two (32) channels addressable by bus A0~A3, in two 16 channel blocks, each block enabled
separately.
B SECTION
Thirty-two (32) channels addressable by bus B0~B3, in two 16 channel blocks, each block enabled
separately.
www.aeroflex.com/mux
Standard Products
November 14, 2008
FEATURES
❑ 64-channels provided by four 16-channel multiplexers
❑ Radiation performance
- Total dose:
150 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- SEU:
Immune up to 90 MeV-cm2/mg
- SEL:
Immune by process design
❑ Full military temperature range
❑ Low power consumption < 60mW
❑ Two address busses (A0-3 & B0-3) and four enable lines afford flexible organization
❑ All channel inputs are protected by ±20V nominal Transorbs
❑ Fast access time < 500ns typical
❑ Break-Before-Make switching
❑ High analog input impedance (power on or off)
❑ Designed for aerospace and high reliability space applications
❑ Packaging – Hermetic ceramic
- 96 leads, 1.32"Sq x 0.20"Ht quad flat pack
- Typical Weight 15 grams
❑ DSCC SMD 5962-09202 pending
Note: Aeroflex Plainview does not currently have a DSCC certified Radiation Hardened Assurance Program.


Similar Part No. - ACT8511

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512-201-1S AEROFLEX-ACT8512-201-1S Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512-7 AEROFLEX-ACT8512-7 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512-S AEROFLEX-ACT8512-S Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results

Similar Description - ACT8511

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8507 AEROFLEX-MUX8507 Datasheet
397Kb / 9P
MUX8507 64-Channel Analog Multiplexer Module Radiation Tolerant
MUX8520 AEROFLEX-MUX8520 Datasheet
89Kb / 8P
MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8533 AEROFLEX-MUX8533 Datasheet
92Kb / 8P
MUX8533 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com