Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4480-DFI-7 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT4480-DFI-7
Description  ACT4480-DFI Dual Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4480-DFI-7 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT4480-DFI-7 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4480-DFI-7 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4480-DFI-7 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4480-DFI-7 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4480-DFI-7 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4480-DFI-7 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4480-DFI-7 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4480-DFI-7 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT4480-DFI-7 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SCD4480-DFI Rev B 2/27/2013
10
Aeroflex Plainview
ACT4480 Power Dissipation
Total Power Input
The ACT4480-DFI uses ±15 Volt supplies and a +5 Volt supply.
Total Input Power: Channel A transmitting, Channel B in standby
Conditions
Supply Voltages
Supply Current
(100% Duty Cycle)
Power
CH_A: Transmitting at 30vpk-pk into a
243
Ω load resistance.
CH_B: Standby (Receive mode,
Transmitter inhibited)
+15 Volts
76mA
1.140 Watts
-15 Volts
93mA
1.395 Watts
+5 Volts
33mA
0.165 Watts
Total Power
2.700 Watts
Total Input Power: Channel A and Channel B in standby
Conditions
Supply Voltages
Supply Current
(100% Duty Cycle)
Power
CH_A: Standby (Receive mode,
Transmitter inhibited)
CH_B: Standby (Receive mode,
Transmitter inhibited)
+15 Volts
12mA
0.180 Watts
-15 Volts
30mA
0.450 Watts
+5 Volts
31mA
0.155 Watts
Total Power
0.785 Watts
Load Power (measured)
VSECONDARY:
30.0Vpk-pk, line to line, measured across RLoad
RLoad:
34 + 34 + 175
= 243
Ω
ISECONDARY:
15.0Vpk / 243 Ohms
= 61.73mApk
Instantaneous Power:
15.0V * 61.73mA
= 926mWatts (960mW measured)
Average Power
= 569mW
Total Hybrid Power Dissipation:
2.7W
– 569mW
= 2.131 Watts
Θjc
= 3.02°C/W (Calculated)
Junction Temperature Rise over Case
CH_A Die Transmitting = 2.131 x 3.02°C/W = 6.40°C
Junction Temperature Rise over Case
CH_B Die Standby
= 0.785 x 3.02°C/W = 2.37°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com