Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8513 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT8513
Description  ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8513 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT8513 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8513 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8513 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8513 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8513 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8513 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8513 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8513 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SCD8513 Rev D 11/17/08
Aeroflex Plainview
ACT8512 SWITCHING DIAGRAMS
4.0V
50%
~3V to 12.5V
50%
0V
tOFFEN
tONEN
Definition of tONEN and tOFFEN
0.8V
0V
0V
50%
50%
4.0V
0.8V
50%
11.6V MIN
11.6V MIN
4.0V
Address Lines
t AHL
50%
NOTE: f = 10KHz, Duty cycle = 50%.
(A0 - A3)
MUX Output
MUX Output
MUX Output
Address Lines
(A0 - A3)
EN Lines
t ALH
Definition of t AHL
Definition of t ALH
0.8V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com