Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA323L-4AI Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATMEGA323L-4AI
Description  8-bit Microcontroller with 32K Bytes of In-System Programmable Flash
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA323L-4AI Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATMEGA323L-4AI Datasheet HTML 23Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 24Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 25Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 26Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 27Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 28Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 247 page
background image
27
ATmega323(L)
1457G–AVR–09/03
Notes:
1. On Power-up, the start-up time is increased with Typ 0.6 ms.
2. “1” means unprogrammed, “0” means programmed.
3. For possible clock selections, see “Clock Options” on page 6.
4. When BODEN is programmed, add 100 µs.
5. When BODEN is programmed, add 25 µs.
6. Default value.
Table 6. Reset Delay Selections
(1)
CKSEL(2)
Start-up Time, V
CC =
2.7V, BODLEVEL
Unprogrammed
Start-up Time, V
CC =
4.0V, BODLEVEL
Programmed
Recommended Usage(3)
0000
4.2 ms + 6 CK
5.8 ms + 6 CK
Ext. Clock, Fast Rising
Power
0001
30 µs + 6 CK(4)
10 µs + 6 CK(5)
Ext. Clock, BOD Enabled
0010(6)
67 ms + 6 CK
92 ms + 6 CK
Int. RC Oscillator, Slowly
Rising Power
0011
4.2 ms + 6 CK
5.8 ms + 6 CK
Int. RC Oscillator, Fast
Rising Power
0100
30 µs + 6 CK(4)
10 µs + 6 CK(5)
Int. RC Oscillator, BOD
Enabled
0101
67 ms + 6 CK
92 ms + 6 CK
Ext. RC Oscillator, Slowly
Rising Power
0110
4.2 ms + 6 CK
5.8 ms + 6 CK
Ext. RC Oscillator, Fast
Rising Power
0111
30 µs + 6 CK(4)
10 µs + 6 CK(5)
Ext. RC Oscillator, BOD
Enabled
1000
67 ms + 32K CK
92 ms + 32K CK
Ext. Low-frequency
Crystal
1001
67 ms + 1K CK
92 ms + 1K CK
Ext. Low-frequency
Crystal
1010
67 ms + 16K CK
92 ms + 16K CK
Crystal Oscillator, Slowly
Rising Power
1011
4.2 ms + 16K CK
5.8 ms + 16K CK
Crystal Oscillator, Fast
Rising Power
1100
30 µs + 16K CK(4)
10 µs + 16K CK(5)
Crystal Oscillator, BOD
Enabled
1101
67 ms 1K CK
92 ms + 1K CK
Ceramic Resonator/Ext.
Clock, Slowly Rising
Power
1110
4.2 ms + 1K CK
5.8 ms + 1K CK
Ceramic Resonator, Fast
Rising Power
1111
30 µs + 1K CK(4)
10 µs + 1K CK(5)
Ceramic Resonator, BOD
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com