Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2000 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # FS2000
Description  Fast Switching Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS2000 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  FS2000 Datasheet HTML 1Page - Aeroflex Circuit Technology FS2000 Datasheet HTML 2Page - Aeroflex Circuit Technology FS2000 Datasheet HTML 3Page - Aeroflex Circuit Technology FS2000 Datasheet HTML 4Page - Aeroflex Circuit Technology FS2000 Datasheet HTML 5Page - Aeroflex Circuit Technology FS2000 Datasheet HTML 6Page - Aeroflex Circuit Technology FS2000 Datasheet HTML 7Page - Aeroflex Circuit Technology FS2000 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SIGNAL & CONTROL SOLUTIONS
5
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS2000 Series
Fast Switching Synthesizer
Specifications
FREQUENCY:
Accuracy and Stability:
Same as Reference Oscillator
Reference Oscillator:
Internal: 10 MHz Quartz Oscillator Aging rate
5 x 10-9/day after 24 hours (in normal operating
environment)
External: Any 5 MHz or 10 MHz Frequency Standard at a
level of 0 dBm + 2 dB
Frequency Switching Speed:
1 msec maximum for any step size between any two
frequencies.
Amplitude Settling Time
2 msec maximum; to be within +2 dB of final amplitude.
Model
Resolution
FS-2000-2, -4:
1.0 Hz Standard
0.1 Hz Option 101
FS-2000-9:
2.0 Hz Standard
0.2 Hz Option 101
FS-2000-18:
4.0 Hz Standard
0.4 Hz Option 101
Model
Range
FS-2000 A/B-2
50 MHz to 2300 MHz (2299,999999 MHz)
FS-2000 A/B-4
50 MHz to 4000 MHz (3999,999999 MHz)*
FS-2000 A/B-9
50 MHz to 9200 MHz (9199,999998 MHz)
FS-2000 A/B-18
50 MHz to 18400 MHz (18399,999996 MHz)
*Option 112 extends upper frequency to 4600 MHz (4599,999999 MHz)
Spectral Purity: Absolute SSB Phase Noise in dBc/Hz (includes noise at internal reference)
Offset
from
Carrier
Carrier Frequency
100 MHz
600 MHz
1.2 GHz
2.4 GHz
4.6 GHz
9.2 GHz
18.4 GHz
10 Hz
100
85
79
73
67
61
55
100 Hz
113
98
92
86
80
74
68
1 kHz
128
113
107
101
95
89
83
20 kHz
145
138
132
126
122
116
110
100 kHz
147
140
134
128
122
116
110
10 MHz
147
140
134
128
122
116
110
40 MHz
147
140
134
128
122
116
110



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com