Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-2000A-2 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # FS-2000A-2
Description  Fast Switching Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS-2000A-2 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  FS-2000A-2 Datasheet HTML 1Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 2Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 3Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 4Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 5Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 6Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 7Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SIGNAL & CONTROL SOLUTIONS
4
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • acc-sales@aeroflex.com
Revision Date: 8/21/2013
SWITCHING SPEED: The FS-2000 switches between any two
frequencies. 50 MHz-18.4 GHz in less than 1 msec. the switch-
ing time is measured: From the time the FS-2000 receives a
strobe command to switch until the phase dector output shows
arrival at new frequency. The FS-2000 is unique: the larger the
step, the faster the switching speed: with 1 GHz steps and larger,
typically switching in less than 250 nsec.
PHASE NOISE: The FS-2000 provides sub-microsecond switch-
ing and superior phase noise performance. The absolute phase
noise curve below shows the actual output which includes the
noise contribution of the internal 10 MHz Standard. The residual
phase noise of the FS-2000 is also shown below. This indicates
that if a lower noise external reference (5 MHz, 10 MHz or 100
MHz) is used, the phase noise theoretically can approach the
residual phase noise of the FS-2000.
OEM CONFIGURATION GUIDE: Aeroflex’s modular architec-
ture and iterative frequency plan makes it ideally suited for
Custom OEM applications. Just two standard modules make up
a 50 MHz - 2.3 GHz, 100 MHz resolution OEM synthesizer with
the same specifications as the standard family, needing only DC
power and frequency reference. To obtain finer resolution and/
or wider frequency coverage, just add the appropriate standard
modules. Factory assistance is available to help you configure an
OEM synthesizer which best meets your electrical or environ-
mental specifications.
Modularity for Custom Configurations
Shock and vibration mounting available



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com