Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5000 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # FS5000
Description  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS5000 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  FS5000 Datasheet HTML 1Page - Aeroflex Circuit Technology FS5000 Datasheet HTML 2Page - Aeroflex Circuit Technology FS5000 Datasheet HTML 3Page - Aeroflex Circuit Technology FS5000 Datasheet HTML 4Page - Aeroflex Circuit Technology FS5000 Datasheet HTML 5Page - Aeroflex Circuit Technology FS5000 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
4
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • acc-sales@aeroflex.com
Revision Date: 8/21/2013
Specifications:
FS5000 Series
Frequency Synthesizer
MODULAR CONFIGURATIONS*:
P1
P2
P3
P4
Frequency Range
0.5 - 18 GHz
4.8 - 8.0 GHz
8.0 - 13.5 GHz
4.8 - 13.5 GHz
Resolution
100 kHz
500 kHz
500 kHz
500 kHz
Output Level
+13 dBm
+10 dBm
+10 dBm
+13 dBm
Flatness
±3 dB
±1.5 dB
±1.5 dB
±3 dB
Internal Reference
100 MHz
100 MHz
100 MHz
100 MHz
Stability (per 24 Hrs)
5 X 10-8
5 X 10-8
5 X 10-8
5 X 10-8
Switching Speed
<200 nS
<200 nS
<200 nS
<200 nS
Spurious
-64 dB
-70 dB
-70 dB
-70 dB
Harmonics
-50 dB
-50 dB
-50 dB
-50 dB
Phase Noise (dBc/Hz)
10 Hz
-55
-60
-56
-56
100 Hz
-84
-90
-86
-86
1 kHz
-102
-110
-103
-103
10 kHz
-113
-120
-115
-115
100 kHz
-115
-122
-117
-117
1 MHz
-116
-123
-120
-120
10 MHz
-130
-136
-132
-132
40 MHz
-132
-138
-134
-134
Power Requirements
+15 V
1.0 A
0.8 A
0.8 A
0.8 A
+5.2 V
11.0 A
7.0 A
7.0 A
8.0 A
-6.0 V
5.2 A
2.5 A
3.0 A
3.5 A
Frequency Control
21 Bits
14 Bits
18 Bits
19 Bits
(Parallel BCD, TTL)
Dimensions
Height
4.3” (10.923 cm)
4.3” (10.923 cm)
4.3” (10.923 cm)
4.3” (10.923 cm)
Width
11.75” (29.845 cm)
8.5” (21.59 cm)
8.5” (21.59 cm)
8.5” (21.59 cm)
Length
11” (27.94 cm)
11” (27.94 cm)
11” (27.94 cm)
11” (27.94 cm)
Weight
20 lbs (9.07 kg)
18 lbs (8.16 kg)
18 lbs (8.16 kg)
18 lbs (8.16 kg)
Temperature Range
Operating
0° to 50°C
0° to 50°C
0° to 50°C
0° to 50°C
Storage
-20° to +85°C
-20° to +85°C
-20° to +85°C
-20° to +85°C
* This table comprises a partial list of available Modular FS-5000 configurations. Contact the Factory for information on other available configurations and
specifications. Modular FS5000 synthesizers with specialized low noise references are available with improved phase noise of -130 dBc at 10 kHz offset at
X band as well as improved spurious and harmonics.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com