Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-2000A-4 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # FS-2000A-4
Description  Fast Switching Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS-2000A-4 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  FS-2000A-4 Datasheet HTML 1Page - Aeroflex Circuit Technology FS-2000A-4 Datasheet HTML 2Page - Aeroflex Circuit Technology FS-2000A-4 Datasheet HTML 3Page - Aeroflex Circuit Technology FS-2000A-4 Datasheet HTML 4Page - Aeroflex Circuit Technology FS-2000A-4 Datasheet HTML 5Page - Aeroflex Circuit Technology FS-2000A-4 Datasheet HTML 6Page - Aeroflex Circuit Technology FS-2000A-4 Datasheet HTML 7Page - Aeroflex Circuit Technology FS-2000A-4 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SIGNAL & CONTROL SOLUTIONS
6
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • acc-sales@aeroflex.com
Revision Date: 8/21/2013
Physical Dimensions:
Weight
FS-2000: 46 lbs. (20.9 kg)
Fs-2000A, FS-2000B or FS-2000C: 50 lbs. (22.7 kg)
Dimensions
FS-2000: 8.37” W x 5.22” H x 25.0”
D (21.26 x 13.26 x 63.5 cm)
FS-2000A, FS-2000B or FS-2000C: 16.75” x 5.22” H x 23.88”
D (42.55 x 13.26.60.66 cm)
Specification (con’t):
SPURIOUS SIGNALS:
OUTPUT:
Level:
+10 dBm
Leveling:
±2 dB (±5°C of Calibration Temperature)
Impedance: 50
W
REMOTE PROGRAMMING CONTROL INTERFACE:
INTERFACE:
Standard:
44 Bits Parallel BCD TTL Compatible;
Positive True with Strobe. Mating
Connector: 3M P/n 3564-1000
B Chassis Only: In addition to standard Interface:
IEEE-488-1978:
All functions controlled from the front panel,
with the exception of the power line switch,
are programmable with the same accuracy
and resolution as in manual mode.
C Chassis Only: In addition to standard Interface:
Modulation control interface; Pin-for-Pin
replacement for EAton/Ailtech
382/382 M. Mating Connector:
3M P/N 3366-1000.
DIGITAL SWEEP:
SWEEP MODES
Auto:
Sweep repeats automatically
Single:
Single sweep activated by front panel keyboard
SWEEP MODES:
Sweep Speed:
Sweep repeats automatically 1 ms, 10
ms and 100 ms per step
External - Synchronized variable to 700
μsec per step
IN CONJUNCTION WITH ABOVE:
Sweep Up:
Frequency sweeps from lower fre-
quency to upper frequency, then return
back to lower frequency.
Sweep Dn:
Frequency sweeps from upper fre-
quency to lower frequency, then return
back to upper frequency.
Sweep Up/Dn:
Frequency sweeps from lower fre-
quency to upper frequency, then from
upper
frequency to lower frequency.
No. of Steps:
Selectable from 1 to 10,000 steps.
Step Size:
Selectable, any size consistent with
resolution of unit.
Stop Sweep:
Causes internal sweet to halt immedi-
ately. Return control to command level.
GENERAL:
OPERATING Temperature Range:
0° to 50°C
Power Requirements: 120/250 VAC 48 to 440 Hz, 250 Watts
Frequency Range (MHz)
50 to
2300
2300 to
4600
4600 to
9200
9200 to
18000
Spurious
Non-Harmonically
Related
-70 dBc
-62 dBc
-56 dBc
-50 dBc
Sub-Harmonically
Related†
(f/2, 3f/2, etc)
-40 dBc
-40 dBc
-30 dBc
-30 dBc
Harmonics‡
-25 dBc*
-25 dBc
-25 dBc
-25 dBc
*560 to 800 MHz
†
Option 123: -55 dBc ‡FA 4000-1: -50 dBc
FS2000 Series
Fast Switching Synthesizer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com