Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-2000B-4 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # FS-2000B-4
Description  Fast Switching Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS-2000B-4 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  FS-2000B-4 Datasheet HTML 1Page - Aeroflex Circuit Technology FS-2000B-4 Datasheet HTML 2Page - Aeroflex Circuit Technology FS-2000B-4 Datasheet HTML 3Page - Aeroflex Circuit Technology FS-2000B-4 Datasheet HTML 4Page - Aeroflex Circuit Technology FS-2000B-4 Datasheet HTML 5Page - Aeroflex Circuit Technology FS-2000B-4 Datasheet HTML 6Page - Aeroflex Circuit Technology FS-2000B-4 Datasheet HTML 7Page - Aeroflex Circuit Technology FS-2000B-4 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SIGNAL & CONTROL SOLUTIONS
7
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS2000 Series
Fast Switching Synthesizer
Model Description:
FS-2000A-2
10 MHz to 2.3 GHz (1 MHz resolution)
FS-2000B-2
10 MHz to 2.3 GHz (1 Hz resolution)
keyboard main frame (includes GPIB)
FS-2000A-4
10 MHz to 4.0 GHz (1 Hz resolution)
FS-2000B-4
10 MHz to 4.0 GHz (1 Hz resolution)
keyboard main frame (includes GPIB)
FS-2000A-9
10 MHz to 9.2 GHz (2 Hz resolution)
FS-2000B-9
10 MHz to 9.2 GHz (2 Hz resolution)
keyboard main frame (includes GPIB)
FS-2000A-18
10 MHz to 18.4 GHz (4 Hz resolution)
FS-2000B-18
10 MHz to 18.4 GHz (4 Hz resolution)
keyboard main frame (includes GPIB)
FS-2000-MMS-18** 10 MHz to 18.4 GHz (0.4 Hz resolution)
includes frequency modulation
Output Level Control +10 to -110 dBm in
1 dB Steps: Two 4-Slot MMs modules
**MMs Does not include 70001A Main Frame
Options:
Model
Description
101
(Up to 4 GHz, 0.1 Hz resolution)
(4.6 to 9.2 GHz, 0.2 Hz resolution)
(9.2 to 18.4 GHz, 0.4 Hz resolution)
112
Extends upper frequency of -4 to 4.6 GHz
116
100 MHz reference
117
Reversed fan for increased air flow with filter
*120
Non-programmable wideband FM
*122
Pulse modulation 500 MHz to 4, 9, 18 GHz,
60 dB ON/OFF, 40 nsec R/F
*123
Low sub-harmonics at -66 dBC
125
Fast attenuator
126
High speed memory/HP 8510 interface
(separate unit)
128
Slow attenuator
129
Differential BCD
904
Extra manual
905
Slides for full rack
* These options available in A and B chassis only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com