Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5000B-X Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # FS5000B-X
Description  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS5000B-X Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  FS5000B-X Datasheet HTML 1Page - Aeroflex Circuit Technology FS5000B-X Datasheet HTML 2Page - Aeroflex Circuit Technology FS5000B-X Datasheet HTML 3Page - Aeroflex Circuit Technology FS5000B-X Datasheet HTML 4Page - Aeroflex Circuit Technology FS5000B-X Datasheet HTML 5Page - Aeroflex Circuit Technology FS5000B-X Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
Aeroflex Control Componen. reserves the right to make changes to any products and
services herein at any time without notice. Consult Aeroflex or an authorized sales
representative to verify that the information in this data sheet is current before using
this product. Aeroflex does not assume any responsibility or liability arising out of the
application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
Copyright 2013 Aeroflex Signal & Control Solutions. All rights reserved.
www.aeroflex.com/Microwave www.aeroflex.com/ASCS
Aeroflex Signal & Control Solutions
Aeroflex Microelectronic Solutions
40 Industrial Way East
35 South Service Rd
Eatontown , NJ 07724 [USA]
Plainview, NY 11803 [USA}
Fax: (732) 460-0214
Fax: (516) 694-4823
Sales
Phone: (732) 460-0212
ASCS-sales@aeroflex.com
ISO 9001:2008 certified
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused.
Revision Date: 8/21/2012
AVAILABLE OPTIONS*:
1 Hz frequency resolution
(Limits switching speed to 1 microsecond for steps less than .500
MHz - Does not affect spectral purity or phase noise)
FM Chirp (Wideband FM)
FM Normalized
40 GHz Frequency Doubler, +10 dBm, SMA (F) Input, K (F) Output,
Rack Mount Unit
(Dimensions: 2.2” H x 19” W x 6” D, Weight: <2 lbs)
10 MHz Phase Lock Capability. Internal reference can be phase
locled to 10 MHz Signal at 0 dBm ±2 dB
(Provides External 10 MHz +2 dBm ±2 dB)
19 Inch Standard Equipment Rack Mounting Slides.
* Contact factory for additional special options
FREQUENCY MODULATION OPTION:
Sensitivity:
1.0 volt peak for full scale deviation
The amplitude of the FM input signal must be adjusted to obtain the
desired deviation according to the output frequency range.
Source:
External Only
Input Impedance:
50 Ohms
Modes:
DC and AC
Rate:
DC Mode:
DC to 5 MHz
AC Mode:
50 Hz to 5 MHz
Frequency Stability
AC Mode - The FM Oscillator is phase locked to the synthesizer
reference. Consequently, the carrier has the same
stability as in CW Mode.
DC Mode - The FM Oscillator Phase Lock is unlocked to introduce
the DC or very low frequency FM signal. The oscillator
is thus free running.
Linearity:
<10% for maximum deviation
FM Deviation:
Frequency
Range (MHz)
Deviation (MHz)
minimum
Rate
(MHz / ms)
300- 600
±8.0
22.0
600- 1200
±15.0
44.0
1200 -2400
±30.0
88.0
2400 - 4800
±60.0
175.0
4800 - 13500
±120.0
350.0
13500 -18000
±240.0
700.0
20000 - 26500
±240.0
700.0
FS5000 Series
Frequency Synthesizer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com