Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524M Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1524M
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524M Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1524M Datasheet HTML 1Page - Integrated Circuit Systems ICS1524M Datasheet HTML 2Page - Integrated Circuit Systems ICS1524M Datasheet HTML 3Page - Integrated Circuit Systems ICS1524M Datasheet HTML 4Page - Integrated Circuit Systems ICS1524M Datasheet HTML 5Page - Integrated Circuit Systems ICS1524M Datasheet HTML 6Page - Integrated Circuit Systems ICS1524M Datasheet HTML 7Page - Integrated Circuit Systems ICS1524M Datasheet HTML 8Page - Integrated Circuit Systems ICS1524M Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
ICS1524
ICS1524 Rev C 01/31/2003
I2C Register Map Summary
Register
Index
Name
Access
Bit Name
Bit #
Reset
Value
Description
0h
Input Control
R / W
PDen
0
1
Phase Detector Enable
(0=Disable 1=Enable)
PD_Pol
1
0
Phase Detector Input Select
Ref_Pol
2
0
External Reference Polarity
(0=Positive Edge, 1=Negative Edge)
Fbk_Pol
3
0
External Feedback Polarity
(0=Positive Edge, 1=Negative Edge)
Fbk_Sel
4
0
External Feedback Select
(0=Internal Feedback, 1=External)
Func_Sel
5
0
Function Out Select
(0=Recovered HSYNC, 1=Input HSYNC)
EnPLS
6
1
Enable PLL Lock/Ref Status Output
(0=Disable 1=Enable)
EnDLS
7
0
Enable DPA Lock/Ref Status Output
(0=Disable 1=Enable)
1h
Loop Control
R / W *
PFD0-2
0-2
0
Phase Detector Gain
Reserved
3
0
Reserved
PSD0-1
4-5
0
Post-Scaler Divider
(0 = /2, 1 = /4, 2 = /8, 3 = /16)
Reserved
6-7
0
Reserved
2h
FdBk Div 0
R / W *
FBD0-7
0-7
FF
PLL FeedBack Divider LSBs (bits 0-7) *
3h
FdBk Div 1
R / W *
FBD8-11
0-3
F
PLL Feedback Divider MSBs (bits 8-11) *
Reserved
4-7
0
Reserved
4h
DPA Offset
R / W
DPA_OS0-5
0-5
0
Dynamic Phase Aligner Offset
Reserved
6
0
Reserved
Fil_Sel
7
1
Loop Filter Select
(0=External, 1=Internal)
5h
DPA Control
R / W ** DPA_Res0-1
0-1
3
DPA Resolution
(0=16 delay elements, 1=32, 2=Reserved, 3=64)
Metal_Rev
2-7
0
Metal Mask Revision Number
6h
Output Enables
R / W
OE_Pck
0
1
Output Enable for PECL DPACLK
( 0=High Z, 1=Enabled)
OE_Tck
1
1
Output Enable for STTL_3 DPACLK
( 0=High Z, 1=Enabled)
OE_P2
2
1
Output Enable for PECL CLK
( 0=High Z, 1=Enabled)
OE_T2
3
1
Output Enable for STTL_3 CLK
( 0=High Z, 1=Enabled)
OE_F
4
1
Output Enable for STTL_3 FUNC
( 0=High Z, 1=Enabled)
Ck2_Inv
5
0
Select non-delayed CLK (1) or DPA delayed CLK/2 (0) on CLKx pins
Out_Scl
6-7
0
SSTL DPACLK (Pin 17) Scaler (0 = ÷1, 1 = ÷2, 2 = ÷4, 3 = ÷8)
7h
Osc_Div
R / W
Osc_Div 0-6
0-6
0
Osc Divider modulus
In-Sel
7
1
RESERVED
8h
Reset
Write
DPA
0-3
x
Writing xA hex resets DPA and loads working register 5
PLL
4-7
x
Writing 5x hex resets PLL and loads working registers 1-3
10h
Chip Ver
Read
Chip Ver
0-7
18
Chip Version 17 hex
11h
Chip Rev
Read
Chip Rev
0-7
01
Chip Revision C2 hex
12h
Rd_Reg
Read
DPA_Lock
0
N/A
DPA Lock Status
(0=Unlocked, 1=Locked)
PLL_Lock
1
N/A
PLL Lock Status
(0=Unlocked, 1=Locked)
Reserved
2-7
0
Reserved
* Identifies double-buffered registers. Working registers are loaded during software PLL reset.
** Identifies double-buffered register. Working registers are loaded during software DPA reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com