Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5000B-18 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # FS5000B-18
Description  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS5000B-18 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  FS5000B-18 Datasheet HTML 1Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 2Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 3Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 4Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 5Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
2
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • acc-sales@aeroflex.com
Revision Date: 8/21/2013
FS5000 Series
Fast Switching Synthesizer
The frequency generation technique used by the FS5000 is Direct
Analog Frequency Synthesis, implemented in a patented, iterative,
modular, architecture. Based on mixing, adding and dividing fixed
frequenciesusingwide-bandmixers,ultra-fastswitchesandswitched
filter banks, this technique is singular in providing, simultaneously,
the attributes of fast switching speed, high spectral purity and wide
frequencyrange.DirectAnalogFrequencySynthesisisalsoinherent-
ly rugged and reliable - there are no loops to unlock and no vibration
sensitive oscillators.
The FS5000’s fundamental frequency generation range is 4.8 to
13.5 GHz, an order of magnitude higher than the FS2000.
Synthesis at X band microwave frequencies allows for wide
bandwidths, small size, and superior spectral purity. The output
frequency can be extended to 26.5 GHz using one doubler,
which increases spurious signals and phase noise by only 6 dB.
FS5000 technology consequently provides not only superb
frequency agility, but also spectral purity rivaling low noise fixed
frequency references. At X-band the FS5000 delivers 200 nS
frequency switching time, phase noise of -120 dBc at 10 kHz offset,
spurious signals better than -70 dBc, and harmonics suppressed to
better than -50 dBc. Modular FS5000 synthesizers with special-
ized low noise references are available with improved phase
noise of -130 dBc at 10 KHz offset and spurious signals better
than -80 dBc at X band. The programming and digital interface
for the FS5000 are fully compatible with Aeroflex’s FS2000 family
of synthesizers.
Aeroflex develops and manufactures the specialized components
used in implementation of the FS5000 architecture. Thick film
hybrid microcircuits, fabricated in the Company’s Boca Raton,
Florida facility, contribute to the unmatched performance and
reliability found in the FS5000. Wide-band switched filter banks
and ultra-fast switches are manufactured by Aeroflex tailored to
FS5000 specifications.
Standard kits to support frequently used frequency ranges are
available in compact packages.
The instrument realization is housed in a 3U rack mountable chas-
sis with display, keyboard, IEEE-488 interface, and parallel BCD
interface for fast switching control. These are designated ‘B’ series
and plug into standard power mains, both U.S. and International.
The ‘B’ series is supported by a number of standard options which
tailor the unit to specific system or laboratory requirements. OEM
versions are typically supplied with modules mounted on plates
and require external regulated power - exact configuration is
application dependent. Typical examples are given in this data
sheet. OEM versions can be supplied to meet a broad spectrum
of performance and physical requirements ranging from commer-
cial to full military airborne.
Actual phase noise plot at 9 GHz of modular radar upgrade system
8.0 GHz output spectrum showing 2nd harmonic at 16 GHz, no
sub-harmonic at 4.0 GHz and spurious signals better than -80 dBc
Actual oscilloscope photo showing 6.5 to 13.5 GHz step in
103 nanoseconds



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com