Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX8520 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # MUX8520
Description  MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MUX8520 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  MUX8520 Datasheet HTML 1Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 2Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 3Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 4Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 5Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 6Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 7Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8520 Rev B
FEATURES
❑ 16 Channels provided by one multiplexer
❑ Radiation performance
- Total dose:
300 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- SEU:
Immune up to 120 MeV-cm2/mg
- SEL:
Immune by process design
❑ Full military temperature range
❑ Low power consumption < 15mW
❑ One address bus A0~A3, and one enable line
❑ All channel inputs protected by ±20V nominal Transorbs
❑ Fast access time 1500ns typical
❑ Break-Before-Make switching
❑ High analog input impedance (power on or off )
❑ Designed for aerospace and high reliability space applications
❑ Packaging – Hermetic ceramic
- 56 leads, 0.80"Sq x 0.20"Ht quad flat pack
- Typical Weight 6 grams
MUX8520 16-Channel Analog Multiplexer Module
Radiation Tolerant & ESD Protected
GENERAL DESCRIPTION
Aeroflex’s MUX8520 is a radiation tolerant, 16 channel multiplexer MCM (Multi Chip Module) with
electrostatic discharge (ESD) protection on all channel inputs.
The MUX8520 has been specifically designed to meet exposure to radiation environments. It is available
in a 56 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (CQFP). It is guaranteed
operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534, the
MUX8520 is ideal for demanding military and space applications.
ORGANIZATION AND APPLICATION
The MUX8520 consists of one 16 channel multiplexer arranged as shown in the block diagram,
addressable by bus A0~A3 including enable which connects the addressed channel to a single output.
Standard Products
May 17, 2011
www.aeroflex.com/mux


Similar Part No. - MUX8520

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MUX8521 AEROFLEX-MUX8521 Datasheet
90Kb / 8P
MUX8521 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected Kelvin Measurement Configured
MUX8521-201-1S AEROFLEX-MUX8521-201-1S Datasheet
90Kb / 8P
MUX8521 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected Kelvin Measurement Configured
MUX8521-7 AEROFLEX-MUX8521-7 Datasheet
90Kb / 8P
MUX8521 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected Kelvin Measurement Configured
MUX8521-S AEROFLEX-MUX8521-S Datasheet
90Kb / 8P
MUX8521 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected Kelvin Measurement Configured
MUX8522 AEROFLEX-MUX8522 Datasheet
324Kb / 8P
MUX8522 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
More results

Similar Description - MUX8520

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8521 AEROFLEX-MUX8521 Datasheet
90Kb / 8P
MUX8521 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected Kelvin Measurement Configured
MUX8523 AEROFLEX-MUX8523 Datasheet
92Kb / 8P
MUX8523 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8531 AEROFLEX-MUX8531 Datasheet
91Kb / 8P
MUX8531 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected Kelvin Measurement Configured
MUX8533 AEROFLEX-MUX8533 Datasheet
92Kb / 8P
MUX8533 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com