Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX8522 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # MUX8522
Description  MUX8522 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MUX8522 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  MUX8522 Datasheet HTML 1Page - Aeroflex Circuit Technology MUX8522 Datasheet HTML 2Page - Aeroflex Circuit Technology MUX8522 Datasheet HTML 3Page - Aeroflex Circuit Technology MUX8522 Datasheet HTML 4Page - Aeroflex Circuit Technology MUX8522 Datasheet HTML 5Page - Aeroflex Circuit Technology MUX8522 Datasheet HTML 6Page - Aeroflex Circuit Technology MUX8522 Datasheet HTML 7Page - Aeroflex Circuit Technology MUX8522 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8522 Rev D
FEATURES
32-channels provided by two independent 16-channel multiplexers
Radiation performance
- Total dose:
300 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- SEU:
Immune up to 120 MeV-cm2/mg
- SEL:
Immune by process design
Full military temperature range
Low power consumption < 30mW
Separate address (A0~A3 & B0~B3) and enable (EN0-15 & EN16-31) for CH0-15 and CH16-31
Fast access time 1500ns typical
Break-Before-Make switching
High analog input impedance (power on or off )
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic
- 56 leads, 0.80"Sq x 0.20"Ht quad flat pack
- Typical Weight 6 grams
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
MUX8522 Dual 16-Channel Analog Multiplexer Module
Radiation Tolerant
GENERAL DESCRIPTION
Aeroflex’s MUX8522 is a radiation tolerant, dual 16 channel multiplexer MCM (Multi Chip Module).
The MUX8522 has been specifically designed to meet exposure to radiation environments. It is available in
a 56 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (CQFP). It is guaranteed operational
from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534, the MUX8522 is ideal for
demanding military and space applications.
ORGANIZATION AND APPLICATION
The MUX8522 consists of two independent 16 channel multiplexers arranged as shown in the block
diagram.
A Section
Sixteen (16) channels addressable by bus A0~A3, enabled by EN0-15 and outputted on Output1(0-15).
B Section
Sixteen (16) channels addressable by bus B0~B3, enabled by EN16-31 and outputted on Output2(16-31).
Standard Products
October 9, 2013
www.aeroflex.com/mux


Similar Part No. - MUX8522

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MUX8520 AEROFLEX-MUX8520 Datasheet
89Kb / 8P
MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8520-201-1S AEROFLEX-MUX8520-201-1S Datasheet
89Kb / 8P
MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8520-7 AEROFLEX-MUX8520-7 Datasheet
89Kb / 8P
MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8520-S AEROFLEX-MUX8520-S Datasheet
89Kb / 8P
MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8521 AEROFLEX-MUX8521 Datasheet
90Kb / 8P
MUX8521 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected Kelvin Measurement Configured
More results

Similar Description - MUX8522

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MUX8523 AEROFLEX-MUX8523 Datasheet
92Kb / 8P
MUX8523 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8532 AEROFLEX-MUX8532 Datasheet
90Kb / 8P
MUX8532 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
MUX8533 AEROFLEX-MUX8533 Datasheet
92Kb / 8P
MUX8533 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8562 AEROFLEX-MUX8562 Datasheet
97Kb / 8P
MUX8562 Dual 16-Channel Analog Multiplexer Module plus 5V, Radiation Tolerant
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
ISL71830SEH INTERSIL-ISL71830SEH Datasheet
1Mb / 20P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
November 18, 2016
ISL71030M INTERSIL-ISL71030M Datasheet
642Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
ISL71830SEH RENESAS-ISL71830SEH Datasheet
2Mb / 21P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Dec 8, 2022
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com