Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS5035-7 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # PCS5035-7
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035-7 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  PCS5035-7 Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SCD5035 Rev J 10/22/2014
Aeroflex Plainview
FIGURE 4 – Wired "OR" Application
VIN_6
VIN_7
VIN_9
VIN_10
VIN_8
EN2
VREF
+
-
+
-
VIN_1
VIN_2
VIN_4
VIN_5
VIN_3
EN1
VREF
+
-
+
-
1
5
6
10
10K
10K
10K
10K
Trip 1/6
PCS5035-S
PCS5035-S
When more "Temperature Sensing" inputs are needed two PCS5035 hybrids can be used as shown below
in Figure 4.
The outputs of the two PCS5035 hybrids can be wired together to produce a wired “OR” function. Each bank
of 5 inputs can then be separately controlled by its associated Enable input.
One application of this multiple input arrangement could be circuit board temperature monitoring using the
temperature characteristics of a PN (diode) junction. With a constant current to the diode sensor the diode
voltage can be a calibrated function of temperature. Diodes can be placed on or near vital electronic
components to monitor their case temperatures so that they can be shut down before a catastrophic
temperature failure occurs.
COMP_REF
Trip 5/10
COMP_REF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com