Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YLS-19 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # YLS-19
Description  2 Way In-Phase Power Divider / Combiner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

YLS-19 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  YLS-19 Datasheet HTML 1Page - Aeroflex Circuit Technology YLS-19 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIGNAL & CONTROL SOLUTIONS
40 Industrial Way East, Eatontown , NJ 07724 [USA]
Phone: (732) 460-0212, Fax: (732) 460-0214
www.aeroflex.com/ascs • ascs-sales@aeroflex.com
Parameter
Specification
Units
Frequency Range (Min)
0.75 – 1.5
GHz
In / Out VSWR (Max)
1.20 / 1.15
dB
Insertion Loss (Max)
0.20
dB
Isolation (Min)
21.0
dB
Phase Balence
2.0
Degrees
Amp Balence
0.15
dB
Specifications:
Revision Date: 12/5/2013
YLS-19
2 Way In-Phase
Power Divider / Combiner
Environmental Specifications:
Designed to meet:
MIL-E-5400, MIL-STD-202, MIL-E-16400
Operating Temp: -55°C to +125°C
Storage Temp: -65°C to +150°C
Humidity: MIL-STD-202F, M103, Cond B
Shock: MIL-STD-202F, M213, Cond B
Altitude: MIL-STD-202F, M105, Cond B
Vibration: MIL-STD-202F, M204, Cond B
Thermal Shock: MIL-STD-202F, M107, Cond A
Temperature Cycle: MIL-STD-202F, M105C, Cond D
Notes:
Please Contact the Factory for Custom Specifications
Mechanical Specifications:
Case Style:
YLS Outline
Connectors:
SMA Female per MIL-C-39012


Similar Part No. - YLS-19

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
YLS-01V JST-YLS-01V Datasheet
453Kb / 6P
YL CONNECTOR 4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
YLS-02V JST-YLS-02V Datasheet
453Kb / 6P
YL CONNECTOR 4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
YLS-02V JST-YLS-02V Datasheet
100Kb / 2P
4.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
YLS-03V JST-YLS-03V Datasheet
100Kb / 2P
4.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Aeroflex Circuit Techno...
YLS-25 AEROFLEX-YLS-25 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
More results

Similar Description - YLS-19

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-223 JFW-50PD-223 Datasheet
32Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
logo
SYNERGY MICROWAVE CORPO...
CSBK260S SYNERGY-CSBK260S Datasheet
421Kb / 3P
2-WAY POWER DIVIDER/COMBINER
logo
Aeroflex Circuit Techno...
YLS-25 AEROFLEX-YLS-25 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
YLS-33 AEROFLEX-YLS-33 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
YLS-48 AEROFLEX-YLS-48 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
YLS-56 AEROFLEX-YLS-56 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
YLS-70 AEROFLEX-YLS-70 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
YLS-84 AEROFLEX-YLS-84 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
YLS-90 AEROFLEX-YLS-90 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
YLS-92 AEROFLEX-YLS-92 Datasheet
294Kb / 2P
2 Way In-Phase Power Divider / Combiner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com