Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC412 Datasheet(PDF) 13 Page - Texas Instruments

Part # CLC412
Description  Dual Wideband Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC412 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CLC412 Datasheet HTML 9Page - Texas Instruments CLC412 Datasheet HTML 10Page - Texas Instruments CLC412 Datasheet HTML 11Page - Texas Instruments CLC412 Datasheet HTML 12Page - Texas Instruments CLC412 Datasheet HTML 13Page - Texas Instruments CLC412 Datasheet HTML 14Page - Texas Instruments CLC412 Datasheet HTML 15Page - Texas Instruments CLC412 Datasheet HTML 16Page - Texas Instruments CLC412 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
OBSOLETE
CLC412
www.ti.com
SNOS833D – AUGUST 2000 – REVISED APRIL 2013
Circuit Layout
With all high frequency devices, board layouts with stray capacitances have a strong influence over AC
performance. The CLC412 is no exception and its input and output pins are particularly sensitive to the coupling
of parasitic capacitances (to AC ground) arising from traces or pads placed too closely (<0.1”) to power or
ground planes. In some cases, due to the frequency response peaking caused by these parasitics, a small
adjustment of the feedback resistor value will serve to compensate the frequency response. Also, it is very
important to keep the parasitic capacitance across the feedback resistor to an absolute minimum.
The performance plots in the data sheet can be reproduced using the evaluation boards available from Texas
Instruments. There are two types of boards; the PDIP (#730038) and SOIC (#730036). The #730036 board uses
all SMT parts for the evaluation of the CLC412 in its surface mount package. Either of these layouts can assist
the designer in obtaining the desired performance. In addition, the boards can serve as an example layout for the
final production printed circuit board.
Care must also be taken with the CLC412's layout in order to achieve the best circuit performance, particularly
channel-to-channel isolation. The decoupling capacitors (both tantalum and ceramic) must be chosen with good
high frequency characteristics to decouple the power supplies and the physical placement of the CLC412's
external components is critical. Grouping each amplifier's external components with their own ground connection
and separating them from the external components of the opposing channel with the maximum possible distance
is recommended. The input (Rin) and gain setting resistors (Rf) are the most critical. It is also recommended that
the ceramic decoupling capacitor (0.1µF chip or radial-leaded with low ESR) should be placed as closely to the
power pins as possible.
Package Parasitics
In addition to the parasitic capacitances arising from the board layout, each of the CLC412's packages has its
own characteristic set of parasitic capacitances and inductances causing frequency response variation from
package to package as shown in the plot below (Figure 37), labeled “Frequency Response vs. Package Type”.
Due to its much smaller size, the CLC412AJE (8-pin SOIC) shows the least amount of peaking.
Figure 37. Frequency Response vs. Package Type
Matching Performance
With proper board layout, the AC performance match between the two CLC412's amplifiers can be tightly
controlled as shown in TYPICAL PERFORMANCE CHARACTERISTICS plot labeled “Small-Signal Channel
Matching”.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CLC412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com