Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YLS-56 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # YLS-56
Description  2 Way In-Phase Power Divider / Combiner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

YLS-56 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  YLS-56 Datasheet HTML 1Page - Aeroflex Circuit Technology YLS-56 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIGNAL & CONTROL SOLUTIONS
Aeroflex Signal & Control Solutions reserves the right to make changes to any products
and services herein at any time without notice. Consult Aeroflex or an authorized sales
representative to verify that the information in this data sheet is current before using
this product. Aeroflex does not assume any responsibility or liability arising out of the
application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
Copyright 2013 Aeroflex Signal & Control Solutions. All rights reserved.
www.aeroflex.com/Microwave www.aeroflex.com/ASCS
Aeroflex Signal & Control Solutions
Aeroflex Microelectronic Solutions
40 Industrial Way East
Eatontown , NJ 07724 [USA]
Fax: (732) 460-0214
Sales
Phone: (732) 460-0212
ASCS-sales@aeroflex.com
ISO 9001:2008 certified
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused.
Revision Date: 12/5/2013
Outline Drawing:
OUT
OUT
IN
.38
`A'
B/2
`B'
.38
TYP
.10
A/2
`C'
.093 DIA THRU
2 MTG HOLES
`E'
SMA FEMALE
CONNECTOR
3 PLS
OUTLINE CASE STYLE YLS
“A”
in
“B”
in
“C”
in
“D”
in
“E”
in
0.85
0.82
0.65
0.38
0.20
YLS-56, 2 Way In-Phase
Power Divider / Combiner



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com