Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87346 Datasheet(PDF) 2 Page - Texas Instruments

Part # FPD87346
Description  Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD87346 Datasheet(HTML) 2 Page - Texas Instruments

  FPD87346 Datasheet HTML 1Page - Texas Instruments FPD87346 Datasheet HTML 2Page - Texas Instruments FPD87346 Datasheet HTML 3Page - Texas Instruments FPD87346 Datasheet HTML 4Page - Texas Instruments FPD87346 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Path
&
Timing Ref.
8-6 Bit
Translator
RxIN[3]±
RxIN[2]±
RxIN[1]±
RxIN[0]±
RxCLK±
RSDS[2:0]
RSR[2:0]P/N
RSG[2:0]P/N
RSB[2:0]P/N
STH
RSTZ
RPI
Column & Row
Driver Control
RSCKP/N
Vertical & Horizontal
Timing Generation
OBSOLETE
FPD87346
SNOSA51A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Block Diagram
Figure 2. Block Diagram
Functional Description
FPD-LINK RECEIVER
The LVDS based FPD-Link Receiver inputs video data and control timing through 4-LVDS channels plus clock to
provide 24-bit color or 3-LVDS channels can be used for 18-bit color. The video data is converted to a parallel
data stream and routed to the 8-6 bit translator.
SPREAD SPECTRUM SUPPORT
The FPD-Link receiver supports graphics controllers with Spread Spectrum interfaces for reducing EMI. The
Spread Spectrum methods supported are Center and Down Spread. A maximum of 2% total is supported at a
frequency modulation of 100kHz maximum.
8-6 BIT TRANSLATOR
8-bit data is reduced to a 6-bit data path via a time multiplexed dithering technique or simple truncation of the
LSBs. This function is enabled via the input control pins.
DATAPATH BLOCK AND RSDS TRANSMITTER
6(8)-bit video data (RGB) is input to the Datapath Block supports up to an 85 MHz pixel rate. The data is delayed
to align the Column Driver Start Pulse (STH) with the Column Driver data. The data bus (RSR[2:0]P/N,
RSG[2:0]P/N, RSB[2:0]P/N) outputs at a 170 MHz rate on 9 differential output channels. The clock is output on
the RSCKP/N differential pair. The RSDS Column Drivers latch data on both positive and negative edges of the
clock. The RSDS output setup/hold timings are also adjustable through the RSDS[2:0] input pins.
TIMING CONTROL FUNCTION
The Timing Control function generates control to Column Drivers, Row Drivers, and power supply. The GPOs
(General Purpose Outputs) provide for CD latch pulse, REV, and Row Driver control generation. The General
Purpose Outputs allow the user to generate control anywhere within the frame data. Standard Row Driver
interface or Custom Row Driver interfaces can be implemented with the GPOs (General Purpose Outputs).
RSDS OUTPUT VOLTAGE CONTROL
The RSDS output voltage swing is controlled through an external load resistor connected to the RPI pin. The
RSDS output signal levels can be adjusted to suit the particular application. This is dependent on overall LCD
module design characteristics such as trace impedance, termination, etc. The RSDS output voltage is inversely
related to the RPI value. Lower RPI values will increase the RSDS output voltage swing and consequently overall
power consumption will also increase.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: FPD87346



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com