Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML300ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ML300ERW
Description  Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML300ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ML300ERW Datasheet HTML 1Page - MicroPower Direct, LLC ML300ERW Datasheet HTML 2Page - MicroPower Direct, LLC ML300ERW Datasheet HTML 3Page - MicroPower Direct, LLC ML300ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
www.micropowerdirect.com
www.micropowerdirect.com
Notes:
1. When measuring output ripple & noise, it is recommended
that an external ceramic capacitor (approx
10 µF) be placed from the +VOUT to the -VOUT pins.
2. Transient recovery is measured to within a 1% error
band for a load step change of 25%.
3. Short circuit protection is provided by a “hiccup mode”
circuit.
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
ML312S-05ERW
12
9.0 - 18.0
333
22
5.0
600
30
75
3,300
600
ML312S-12ERW
12
9.0 - 18.0
325
22
12.0
250
12
77
1,800
600
ML312S-15ERW
12
9.0 - 18.0
316
22
15.0
200
10
79
1,000
600
ML324S-05ERW
24
18.0 - 36.0
164
12
5.0
600
30
76
3,300
300
ML324S-12ERW
24
18.0 - 36.0
154
12
12.0
250
12
81
1,800
300
ML324S-15ERW
24
18.0 - 36.0
156
12
15.0
200
10
80
1,000
300
ML348S-05ERW
48
36.0 - 75.0
81
8
5.0
600
30
77
3,300
150
ML348S-12ERW
48
36.0 - 75.0
78
8
12.0
250
12
80
1,800
150
ML348S-15ERW
48
36.0 - 75.0
78
8
15.0
200
10
80
1,000
150
Efficiency vs Output Load 48 VDC Input
Efficiency vs Input Voltage 48 VDC Input
Efficiency vs Output Load 24 VDC Input
Efficiency vs Input Voltage 24 VDC Input
4, These units should not be operated with a load under 5% of
full load. Operation at no-load will not damage the unit, but
they may not meet all specifications.
5. The recommended reflow settings are a peak temperature
of 245 °C for a maximum period (TPK) of 10S and a time
above liquidous (TL) of <60 seconds at 217 °C. A sug-
gested temperature profile is shown on page four. For more
information, please contact the factory.
6. It is recommended that a fuse be used on the input of a
power supply for protection. See the Model Selection table
above for the correct rating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com