Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP425 Datasheet(PDF) 4 Page - Intel Corporation

Part # IXP425
Description  Optimized for Broadband Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP425 Datasheet(HTML) 4 Page - Intel Corporation

  IXP425 Datasheet HTML 1Page - Intel Corporation IXP425 Datasheet HTML 2Page - Intel Corporation IXP425 Datasheet HTML 3Page - Intel Corporation IXP425 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Order Number: 279051-001 Printed in USA/0202/5K/ASI/CM
Copyright © 2002 Intel Corporation
For more information, visit the Intel Web site at: developer.intel.com
UNITED STATES AND CANADA
Intel Corporation
Robert Noyce Building
2200 Mission College Blvd.
P.O. Box 58119
Santa Clara, CA 95052-8119
USA
EUROPE
Intel Corporation (UK) Ltd.
Pipers Way
Swindon
Wiltshire SN3 1RJ
UK
ASIA-PACIFIC
Intel Semiconductor Ltd.
32/F Two Pacific Place
88 Queensway, Central
Hong Kong, SAR
JAPAN
Intel Japan (Tsukuba HQ)
5-6
Tokodai Tsukuba-shi
300-2635 Ibaraki-ken
Japan
SOUTH AMERICA
Intel Semicondutores do Brasil LTDA
Av. Dr. Chucri Zaidan, 940-10° andar
04583-904 São Paulo, SP
Brazil
Information in this document is provided in connection with Intel® products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights
is granted by this document. Except as provided in Intel’s Terms and Conditions of Sale for such products, Intel assumes no liability whatsoever, and Intel disclaims
any express or implied warranty, relating to sale and/or use of Intel products including liability or warranties relating to fitness for a particular purpose, merchantability,
or infringement of any patent, copyright, or other intellectual property right. Intel products are not intended for use in medical, life-saving or life-sustaining applica-
tions. Intel may make changes to specifications and product descriptions at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked “reserved” or “undefined.” Intel reserves these for future definition and
shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them.
Intel, the Intel logo, and Intel XScale are trademarks or registered trademarks of Intel Corporation or its subsidiaries in the United States and other countries.
*Other names and brands may be claimed as the property of others.
Intel® Internet Exchange Architecture
The Intel IXP425 network processors are part of Intel® Internet Exchange Architecture (Intel® IXA) which is a packet processing
architecture that provides a foundation for software portability across multiple generations of network processors and is
based on the Intel XScale microarchitecture. Additional information on Intel IXA is available on the Web site listed at the end
of this document.
Product Ordering Information
Order Number
FWIXP425AB
FWIXP425AC
FWIXP425AD
GWIXP425ABT
GWIXP425ACT
GWIXP425ADT
KIXDP425AD
s
Intel® IXP425 Network Processor Family Product Brief
s
Intel® IXDP425 Network Processor Development Platform Product Brief
s
Intel® IXP425 Network Processor Datasheet
s
Intel® IXP425 Network Processor Developer's Manual
s
Intel® IXP425 Network Processor Programmer's Guide
Intel® IXP425 Network Processor Family Literature
Order Number
279051-001
279052-001
Please contact your Intel Representative for the following documents:
s
Intel® IXP425 Network Processor, 266 MHz
s
Intel® IXP425 Network Processor, 400 MHz
s
Intel® IXP425 Network Processor, 533 MHz
s
Intel® IXP425 Network Processor, 266 MHz Extended Temperature
s
Intel® IXP425 Network Processor, 400 MHz Extended Temperature
s
Intel® IXP425 Network Processor, 533 MHz Extended Temperature
s
Intel® IXDP425 Network Processor Development Platform
Developer‘s Site
http://developer.intel.com/
Network Processor Web Site
http://www.intel.com/design/network/ixa.htm
Intel® Internet Exchange Architecture
http://www.intel.com/design/network/ixa.htm
Networking and Communications Building Blocks
http://developer.intel.com/design/network
Other Intel Support:
http://developer.intel.com/design/litcentr/
Intel Literature Center
(800) 548-4725 7 a.m. to 7 p.m. CST (U.S. and Canada)
International locations please contact your local sales office.
General Information Hotline
(800) 628-8686 or (916) 356-3104 5 a.m. to 5 p.m. PST
Intel Access



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com