Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2060 Datasheet(PDF) 16 Page - Applied Micro Circuits Corporation

Part # S2060
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060 Datasheet(HTML) 16 Page - Applied Micro Circuits Corporation

Back Button S2060 Datasheet HTML 12Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 13Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 14Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 15Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 16Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 17Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 18Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 19Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 20Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
Figure 9. Power and Ground Connection Diagram
1
16
17
32
33
48
49
64
TTLVcc
TTLVee
AVee
TTLVcc
Vcc
Vee
Vcc
Vee
Vcc (+3.3 V)
VCC (+3.3 V)
VCC (+3.3 V)
Vcc (+3.3 V)
VCC (+3.3 V)
VCC (+3.3 V)
VCC (+3.3 V)
VCC (+3.3 V)
VCC (+3.3 V)
S2060
(top view)
0.1
µF
0.1
µF
0.1
µF
100 pF
100 pF
100 pF
ferrite
ferrite
0.1
µF
100 pF
0.1
µF
0.1
µF
100 pF
100 pF
0.1
µF
100 pF
0.1
µF
100 pF
0.1
µF
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com