Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC415 Datasheet(PDF) 2 Page - Picker Components

Part # PC415
Description  10 Amp Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC415 Datasheet(HTML) 2 Page - Picker Components

  PC415_15 Datasheet HTML 1Page - Picker Components PC415_15 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
PCTxL Rev A 7/30/14
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
Caution: 1. The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2. Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Side View
End View
Dimensions in Millimeters (inches)
Bottom View
PC Board Layout
Notes: Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
Tolerances ± .010 unless otherwise noted
Coil Data
Coil Voltage
Coil Power
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
Resistance ohms ± 10%
360 mW
450 mW
800 mW
3
25
20
11
2.1
0.3
3.9
5
70
55.6
31
3.5
0.5
6.5
6
100
80
45
4.2
0.6
7.8
9
225
180
101
6.3
0.9
11.7
12
400
320
180
8.40
1.2
15.6
24
1600
1280
720
16.8
2.4
31.2
48
6400
5120
2880
33.60
4.8
62.4
PC415
PC415
Wiring Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com