Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWIXP425AD Datasheet(PDF) 1 Page - Intel Corporation

Part # FWIXP425AD
Description  Optimized for Broadband Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXP425AD Datasheet(HTML) 1 Page - Intel Corporation

  FWIXP425AD Datasheet HTML 1Page - Intel Corporation FWIXP425AD Datasheet HTML 2Page - Intel Corporation FWIXP425AD Datasheet HTML 3Page - Intel Corporation FWIXP425AD Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Intel® IXP425 Network
Processor Family
Optimized for Broadband Applications
product brief
Product Highlights
s
Intel® XScale™ RISC core up to 533 MHz
s
Three network processor engines
s
Two high-speed serial interfaces
s
Two 10/100 Base-T Ethernet MACs with
MII/RMII interface
s
UTOPIA 2 interface—multiple
ADSL/G.SHDSL or VDSL support
s
PCI version 2.2 Host and Option interface
s
Hardware Security Accelerator (IPsec:
DES, 3DES, SHA1, MD5)
s
USB version 1.1 device controller
s
Two UARTS—one High-Speed UART
(921.6 Kbaud) and one Console UART
(230.4 Kbaud)
s
32-bit wide SDRAM controller
s
Sixteen GPIO pins
s
16-bit configurable expansion bus
s
ATM, TDM, Ethernet MAC filtering, and
HDLC support
s
Operating system support for VxWorks*
and Linux*
s
Commercial and Extended temperature
options
Product Overview
To meet the growing demand from homes and
businesses for high-performance broadband
access services, manufacturers must develop
new networking products that are capable of
provisioning rich services. The Intel® IXP425
network processors are designed to meet the
needs of last-mile applications, such as cus-
tomer premises equipment, and mini-DSLAMs
for multi-dwelling units (MxUs). These network
processors deliver wire-speed performance and
sufficient "processor headroom" for manufactur-
ers to add a variety of rich software services to
support their networking applications. These
are highly integrated network processors that
support multiple WAN and LAN technologies
giving customers a common architecture for
multiple applications.
With their Development Platform, a choice
of operating systems, and a broad range of
development tools, the Intel IXP425 network
processors provide a complete development
environment for faster time-to-market. This
network processor family offers the choice of
multiple clock speeds at 266, 400, and 533
MHz, with both Commercial (0° to 70° C) and
Extended (-40° to 85° C) temperature options.
Architected for Broadband Applications
The Intel IXP425 network processor family
meets the requirements of next-generation
broadband applications by integrating a unique
distributed processing architecture that
features the performance of the Intel XScale
core and three Network Processor Engines
(NPEs). The combination of the four high-
performance processors provides tremendous
processing power and enables wire-speed
performance at both the LAN and WAN ports.
Distributed Processing Architecture
The Intel XScale core and the three NPEs run
their instruction streams in parallel. The Intel
XScale core is fully compatible with ARM* V5T
Thumb instructions set and V5E DSP exten-
sions. Designed on the Intel® 0.18-micron
process technology, the Intel XScale core
delivers the industry-leading MIPs to power
consumption ratio and provides ample pro-
cessing headroom for the customer to add
differentiating product features.
Intel®
Internet Exchange
Architecture


Similar Part No. - FWIXP425AD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FWIXP425BB INTEL-FWIXP425BB Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP425BC INTEL-FWIXP425BC Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP425BD INTEL-FWIXP425BD Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
More results

Similar Description - FWIXP425AD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-19TQ015PBF VISHAY-VS-19TQ015PBF Datasheet
163Kb / 7P
Optimized for OR-ing applications
25-Aug-11
logo
International Rectifier
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
Optimized for UPS/Inverter Applications
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
Optimized for UPS/Inverter Applications
IRLB3813PBF IRF-IRLB3813PBF_15 Datasheet
248Kb / 9P
Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
Optimized for UPS/Inverter Applications
logo
Analog Devices
AD9861 AD-AD9861_17 Datasheet
977Kb / 52P
Transceiver for Broadband Applications
30-Jun-2017
AD9863 AD-AD9863_17 Datasheet
978Kb / 41P
Transceiver for Broadband Applications
30-Jun-2017
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
Optimized for UPS/Inverter Applications
2019-08-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com