Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC796 Datasheet(PDF) 2 Page - Picker Components

Part # PC796
Description  80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC796 Datasheet(HTML) 2 Page - Picker Components

  PC796 Datasheet HTML 1Page - Picker Components PC796 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC796 Rev E 1/14/2016
2 of 2
COIL DATA
Coil Voltage
(VDC)
Resistance
(Ohms ± 10%)
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Power
Consumption
(W)
Rated
Max
6
7.8
15.6
3.9
0.6
2.3
12
15.6
62.6
7.8
1.2
24
31.2
250.4
15.6
2.4
DIMENSIONS (mm / inches)
Metal Bracket “C2”
PC Pins P”
Plug In “C”
Plastic Bracket “C1”
Coil Temperature Rise @
40A Carrying Current
Coil Temperature Rise
20oC Ambient
Max Value for Switching
Capacity
PC796
PC796
1A
1C
1U
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com