Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC798 Datasheet(PDF) 1 Page - Picker Components

Part # PC798
Description  30 Amp Automotive Plug-In Relay with Integral Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC798 Datasheet(HTML) 1 Page - Picker Components

  PC798_16 Datasheet HTML 1Page - Picker Components PC798_16 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC798 Rev B 3/23/2016
1 of 2
FEATURES
 Popular Automotive Relay Style
 Fits Standard Connectors and Socket SC792
 Contact Switching Capacity Up to 60 Amps
 30 Amps Continuous Carrying Capacity
 15 or 30 Amp Fuses Options
 RoHS Compliant
30 Amp Automotive Plug-In Relay with Integral Fuse
PC798
CONTACT RATINGS 28 VDC FOR 30 A VERSION
Contact Form
1 Form A
Normally Open
Max Switching Current
15 A
Max Continuous Current
15 A
Max Switching Voltage
75 VDC
Max Switching Power
420 W
Minimum Load
0.1A @ 24 VDC
CONTACT RATINGS 14 VDC FOR 30 A VERSION
Contact Form
1 Form A
Normally Open
Max Switching Current
30 A
Max Continuous Current
30 A
Max Switching Voltage
75 VDC
Max. Switching Power
420 W
Minimum Load
0.1A @ 12 VDC
CHARACTERISTICS
Operate Time
7 msec Max.
Release Time
5 msec Max.
Insulation Resistance
100 MΩ Min at 500VDC, 50% RH
Dielectric Strength
500 V 50 Hz Between Contacts
750 V 50 Hz Between Coil and Contact
Shock Resistance
147 m/s2 11ms
Vibration Resistance
10 Hz—40 Hz Double Amplitude 1.27
Terminal Strength
8N
Power Consumption
1.8 W
Solderability
235°C ± 2°C 3 s ± 0.5 s
OperatingTemperature Range
- 40 to 105
°C
Storage Temperature Range
- 40 to 125
°C
Weight
32 grams
CONTACT DATA
Material
AgSnO2
Initial Contact Resistance
50 mΩ Max
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
ORDERING INFORMATION
Example:
PC798
-1A
-12
C
-N
-X
-C
Model: PC798
Contact & Fuse Rating: Nil: 30 A; B: 15 A
Contact Form: 1A
Case Style: C: Plug-In
Coil Voltage: 6, 12, 24
Enclosure: C: Dust Cover
Terminal Plating: Nil; None; N: Nickel
RoHS Compliant: -X
Box Quantity: 400; Inner Box: 100


Similar Part No. - PC798_16

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC798 PICKER-PC798_17 Datasheet
1Mb / 2P
30 Amp Automotive Plug-In Relay with Integral Fuse
More results

Similar Description - PC798_16

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC798 PICKER-PC798 Datasheet
147Kb / 2P
Automotive Plug-In Relay With Integral Fuse
PC785 PICKER-PC785 Datasheet
427Kb / 2P
35 Amp Automotive Plug-In Power Relay
PC786 PICKER-PC786 Datasheet
198Kb / 2P
60 Amp Automotive Plug-In Power Relay
PC792A PICKER-PC792A_14 Datasheet
217Kb / 2P
40/30 Amp Automotive Plug-In / PCB Power Relay
PC792A PICKER-PC792A_15 Datasheet
258Kb / 2P
40/30 Amp Automotive Plug-In / PCB Power Relay
PC763 PICKER-PC763 Datasheet
812Kb / 2P
30 Amp Automotive Plug-In Power Relay
PC764 PICKER-PC764 Datasheet
812Kb / 2P
30 Amp Automotive Plug-In Power Relay
PC792A PICKER-PC792A_17 Datasheet
821Kb / 3P
40/30 Amp Automotive Plug-In / PCB Mini ISO Relay
PC798 PICKER-PC798_17 Datasheet
1Mb / 2P
30 Amp Automotive Plug-In Relay with Integral Fuse
logo
Willow Technologies Ltd
DG4F WILLOW-DG4F Datasheet
298Kb / 3P
mini plug-in automotive relay with fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com