Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB321AI Datasheet(HTML) 5 Page - Texas Instruments

  TUSB321AI Datasheet HTML 1Page - Texas Instruments TUSB321AI Datasheet HTML 2Page - Texas Instruments TUSB321AI Datasheet HTML 3Page - Texas Instruments TUSB321AI Datasheet HTML 4Page - Texas Instruments TUSB321AI Datasheet HTML 5Page - Texas Instruments TUSB321AI Datasheet HTML 6Page - Texas Instruments TUSB321AI Datasheet HTML 7Page - Texas Instruments TUSB321AI Datasheet HTML 8Page - Texas Instruments TUSB321AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TUSB321AI
www.ti.com
SLLSER2 – OCTOBER 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
Power Consumption
Current consumption in unattached mode when port is
I(UNATTACHED_UFP)
unconnected and waiting for connection. (VDD = 5 V, PORT
70
µA
= L)
Current consumption in active mode. (VDD = 5 V, PORT =
I(ACTIVE_UFP)
70
µA
L)
CC1 and CC2 Pins
R(CC_D)
Pulldown resistor when in UFP or DRP mode.
4.6
5.1
5.6
k
Ω
RCC_DB
Pulldown resistor when in dead-battery mode
VDD = 0V.
4.1
5.1
6.1
k
Ω
Voltage level range for detecting a DFP attach when
VUFP_CC_USB
configured as a UFP and DFP is advertising default current
0.25
0.61
V
source capability.
Voltage level range for detecting a DFP attach when
VUFP_CC_MED
configured as a UFP and DFP is advertising medium (1.5
0.70
1.16
V
A) current source capability.
Voltage level range for detecting a DFP attach when
VUFP_CC_HIGH
configured as a UFP and DFP is advertising high (3 A)
1.31
2.04
V
current source capability.
Voltage threshold for detecting a UFP attach when
VTH(DFP_CC_USB)
configured as a DFP and advertising default current source
1.51
1.6
1.64
V
capability.
Voltage threshold for detecting a UFP attach when
VTH(DFP_CC_MED)
configured as a DFP and advertising medium current (1.5
1.51
1.6
1.64
V
A) source capability.
Voltage threshold for detecting a UFP attach when
VTH(DFP_CC_HIGH)
configured as a DFP and advertising high current (3.0 A)
2.46
2.6
2.74
V
source capability.
Voltage threshold for detecting a active cable attach when
VTH(AC_CC_USB)
configured as a DFP and advertising default current
0.15
0.20
0.25
V
source.
Voltage threshold for detecting a active cable attach when
VTH(AC_CC_MED)
configured as a DFP and advertising medium current (1.5
0.35
0.40
0.45
V
A) source.
Voltage threshold for detecting a active cable attach when
VTH(AC_CC_HIGH)
configured as a DFP and advertising high current (3 A)
0.76
0.80
0.84
V
source.
Default mode pullup current source when operating in DFP
ICC(DEFAULT_P)
64
80
96
µA
or DRP mode.
Medium (1.5 A) mode pullup current source when
ICC(MED_P)
166
180
194
µA
operating in DFP or DRP mode.
High (3 A) mode pullup current source when operating in
ICC(HIGH_P)
304
330
356
µA
DFP or DRP mode.(1)
Control Pins: PORT, CURRENT_MODE, VCONN_FAULT, DIR, ID, OUT1, OUT2
Low-level control signal input voltage, (PORT,
VIL
0.4
V
CURRENT_MODE)
Mid-level control signal input voltage (PORT,
VIM
0.28 × VDD
0.56 × VDD
V
CURRENT_MODE)
High-level control signal input voltage (PORT,
VIH
VDD - 0.3
V
CURRENT_MODE)
IIH
High-level input current
–20
20
µA
IIL
Low-level input current
–10
10
µA
IID_LEAKAGE
Current leakage for ID pin.
VDD = 0V; ID = 5V
10
µA
RPU
Internal pullup resistance (PORT)
588
k
Ω
RPD
Internal pulldown resistance (PORT)
1.1
M
Ω
RPD(CUR)
Internal pulldown resistance for CURRENT_MODE pin
275
k
Ω
Low-level signal output voltage (open-drain)
VOL
IOL = –1.6 mA
0.4
V
(VCONN_FAULT, ID, OUT1, OUT2, DIR)
(1)
VDD must be 3.5 V or greater to advertise 3 A current.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TUSB321AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com