Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041I Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 5Page - Texas Instruments TUSB4041I Datasheet HTML 6Page - Texas Instruments TUSB4041I Datasheet HTML 7Page - Texas Instruments TUSB4041I Datasheet HTML 8Page - Texas Instruments TUSB4041I Datasheet HTML 9Page - Texas Instruments TUSB4041I Datasheet HTML 10Page - Texas Instruments TUSB4041I Datasheet HTML 11Page - Texas Instruments TUSB4041I Datasheet HTML 12Page - Texas Instruments TUSB4041I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
TUSB4041I
www.ti.com
SLLSEK3A – JULY 2015 – REVISED SEPTEMBER 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
(1)
1.1-V supply voltage
0.99
1.1
1.26
V
VDD33
3.3-V supply voltage
3
3.3
3.6
V
V(USB_VBUS)
Voltage at USB_VBUS pin
0
1.155
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
105
°C
(1)
A 1.05-V, 1.1-V, or 1.2-V supply may be used as long as minimum and maximum supply conditions are met.
7.4 Thermal Information
TUSB4041I
THERMAL METRIC(1)
PAP (HTQFP)
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance
26.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
11.5
°C/W
RθJB
Junction-to-board thermal resistance
10.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
10.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 3.3-V I/O Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage(1)
VDD33
2
VDD33
V
JTAG pins only
0
0.55
VIL
Low-level input voltage(1)
VDD33
V
Other pins
0
0.8
VI
Input voltage
0
VDD33
V
VO
Output voltage(2)
0
VDD33
V
tt
Input transition time (tr and tf)
0
25
ns
Vhys
Input hysteresis(3)
0.13 x VDD33
V
VOH
High-level output voltage
VDD33
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
VDD33
IOL = 4 mA
0.4
V
IOZ
High-impedance, output current(2)
VDD33
VI = 0 to VDD33
±20
µA
High-impedance, output current
IOZ(P)
with internal pullup or pulldown
VDD33
VI = 0 to VDD33
±250
µA
resistor(4)
II
Input current(5)
VDD33
VI = 0 to VDD33
±15
µA
(1)
Applies to external inputs and bidirectional buffers.
(2)
Applies to external outputs and bidirectional buffers.
(3)
Applies to GRSTz.
(4)
Applies to pins with internal pull-ups and pull-downs.
(5)
Applies to external input buffers.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com