Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX87424-R03CR Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EX87424-R03CR
Description  IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX87424-R03CR Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EX87424-R03CR Datasheet HTML 1Page - Axiomtek Co., Ltd. EX87424-R03CR Datasheet HTML 2Page - Axiomtek Co., Ltd. EX87424-R03CR Datasheet HTML 3Page - Axiomtek Co., Ltd. EX87424-R03CR Datasheet HTML 4Page - Axiomtek Co., Ltd. EX87424-R03CR Datasheet HTML 5Page - Axiomtek Co., Ltd. EX87424-R03CR Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EX87000 Series
www.EtherWAN.com
2
rev. A5
Software Features
Management
• Interface
◦ CLI, Telnet and Web Browser
◦ SNMP v1/v2c/v3
• Firmware and configuration upgrade and backup via TFTP
• Supports DHCP Server/Client
• RMON (Remote monitoring)
• Port mirroring: TX/RX and both
• NTP (Network Time Protocol) time synchronization
• IEEE802.1ab LLDP (Link Layer Discovery Protocol)
Security
• MAC address filtering
• Enable/disable port
• Storm control (broadcast and multicast types)
• IEEE802.1x LAN access control
• Remote authentication through RADIUS
• SSH for CLI and Telnet security
• SSL for web security
• ACL
QualityofService(QoS)
• Priority Queues: 4 queues per port
• Traffic classification based on IEEE802.1p CoS, DSCP, WRR (Weighted round robin) and strict mode
• Rate Limiting (Ingress/Egress)
Layer2Features
• Auto-negotiation for port speed and duplex mode
• Flow Control
◦ IEEE802.3x full duplex mode
◦ Back-Pressure half duplex mode
• Redundant Protocol
◦ IEEE802.1D Spanning Tree Protocol (STP)
◦ IEEE802.1w Rapid Spanning Tree Protocol (RSTP)
◦ IEEE802.1s Multiple Spanning Tree Protocol (MSTP)
◦ EtherWAN’sα-Ringnetworkfaultrecovery(<15ms)andα-Chain
• VLANs
◦ Port-based VLANs
◦ IEEE802.1Q Tag VLANs (128 groups, 4096 VID)
◦ GVRP (GARP VLAN Registration Protocol)
◦ GMRP (GARP Multicast Registration Protocol)
• Link Aggregation
◦ Static Trunk (8 groups, support MAC base)
◦ IEEE802.3ad Link Aggregation Control Protocol
• IGMP Snooping
◦ IGMP snooping v1/v2/v3
Performance
• Switching Capability: 12.8Gbps
• Packet Buffer Size: 3M bits
• MAC Address Table: 4K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com