Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54FCT540 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT540
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT540 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54FCT540 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT540 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT540 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT540 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT540 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54FCT540
Octal Buffer/Line Driver with TRI-STATE® Outputs
General Description
The ’FCT540 is an octal buffer/line drivers designed to be
employed as memory and address drivers, clock drivers and
bus oriented transmitter/receivers.
These devices are similar in function to the ’FCT240 while
providing flow-through architecture (inputs on opposite side
from outputs). This pinout arrangement makes these devices
especially useful as output ports for microprocessors, allow-
ing ease of layout and greater PC board density.
Features
n TRI-STATE inverting outputs
n Inputs and outputs opposite side of package, allowing
easier interface to microprocessors
n TTL input and output level compatible
n CMOS power consumption
n Output sink capability of 48mA, source capability of 12
mA
n Standard Microcircuit Drawing (SMD) 5962-8976701
Logic Symbol
Inputs
Outputs
OE
1
OE
2
I
LL
H
L
HX
X
Z
XH
X
Z
LL
L
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100970-1
Pin Assignment
for DIP and Flatpak
DS100970-3
Pin Assignment for LCC
DS100970-2
October 1999
© 1999 National Semiconductor Corporation
DS100970
www.national.com


Similar Part No. - 54FCT540

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541DMQB NSC-54FCT541DMQB Datasheet
131Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541FMQB NSC-54FCT541FMQB Datasheet
131Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541LMQB NSC-54FCT541LMQB Datasheet
131Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54FCT540

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com