Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS8995M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KS8995M
Description  5 Port 10/100 Switch with PHY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KS8995M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KS8995M Datasheet HTML 1Page - List of Unclassifed Manufacturers KS8995M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
486 Mercury Drive, Sunnyvale, California 94086
Tel: (408) 735-1118
Fax: (408) 735-1119
www.kendin.com
KS8995 – 5 Port 10/100 Switch with PHY
Introduction
The KS8995 contains five 10/100 physical layer
transceivers, five MAC (Media Access Control) units
with an integrated layer 2 switch. The device runs in
two modes. The first mode is a five port integrated
switch and the second is as a five port switch with the
fifth port decoupled from the physical port. In this
mode access to the fifth MAC is provided using a
MII (Media Independent Interface).
Useful configurations include a stand alone five port
switch as well as a four port switch with a routing
element connected to the extra MII port. The
additional port is also useful for public network
interfacing.
The KS8995 is designed to reside in an unmanaged
design not requiring processor intervention. This is
achieved through I/O strapping at system reset time
On the media side, the KS8995 supports 10BaseT,
100BaseTX and 100BaseFX as specified by the IEEE
802.3 committee.
Physical signal transmission and reception are
enhanced through use of analog circuitry that makes
the design more efficient and allows for lower power
consumption and smaller chip die size.
Highlights
•
5 port 10/100 Integrated Switch with Physical
Layer Transceivers
•
SRAM on chip for frame buffering
•
1.4Gbps high performance memory bandwidth
•
10BaseT, 100BaseTX and 100BaseFX modes of
operation
•
Superior analog technology for reduced power
and die size
•
Single 2.5 V power supply
•
500 mA (1.25 W) including physical transmit
drivers
•
128 pin PQFP package
•
Support for UTP or fiber installations
•
Indicators for link, activity, full / half duplex and
speed
•
Unmanaged operation via strapping at system
reset time
•
Hardware based 10/100, full/half, flow control
and auto negotiation
•
Individual port forced modes (full duplex,
100BaseTX) when auto negotiation is disabled
•
Wire speed reception and transmission
•
Integrated address Look-Up Engine, supports 1K
absolute MAC addresses
•
Automatic address learning, address aging and
address migration
•
Broadcast storm protection
•
Full duplex IEEE 802.3x flow control
•
Half duplex back pressure flow control
•
Comprehensive LED support
•
External MAC interface (MII or SNI) for router
applications
Physical
Transceiver
1
MAC
1
Look Up
Engine
(1K Entries)
SRAM
Buffers
MII / SNI
(exclusive)
External
Interface
Physical
Transceiver
2
MAC
2
Physical
Transceiver
3
MAC
3
Physical
Transceiver
4
MAC
4
Physical
Transceiver
5
MAC
5
FIFO and Flow Control
Queue
Management
Buffer
Management
LED
and
Programming
Interface
MRXD[3:0]
MRXDV
MCOL
MTXD[3:0]
MTXEN
MTXER
MII_CLK
LED[1][3:0]
LED[2][3:0]
LED[3][3:0]
LED[4][3:0]
LED[5][3:0]
MRXD[0]
MRXDV
MCOL
MTXD[0]
MTXEN
MII_CLK
S
N
I
M
I
I


Similar Part No. - KS8995M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
805Kb / 76P
Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
759Kb / 76P
Integrated 5-Port 10/100 Managed Switch
June 2009 Rev 1.14
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8999 MICREL-KS8999 Datasheet
279Kb / 52P
Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999_11 Datasheet
444Kb / 53P
Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
SY87813L MICREL-SY87813L_06 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993_09 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
Vitesse Semiconductor C...
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
Octal Port 10/100/1000BASE-T PHY
logo
Level One
FSW-0512 LVL1-FSW-0512 Datasheet
101Kb / 2P
5-Port 10/100 PD Switch
logo
Microchip Technology
KSZ8873MML MICROCHIP-KSZ8873MML Datasheet
846Kb / 91P
Integrated 3-Port 10/100 Managed Switch with PHY
10/25/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com