Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT91EL Datasheet(PDF) 2 Page - Picker Components

Part # PCT91EL
Description  30, 40 or 50 Amp Latching PCB Relay with Spade Contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCT91EL Datasheet(HTML) 2 Page - Picker Components

  PCT91EL Datasheet HTML 1Page - Picker Components PCT91EL Datasheet HTML 2Page - Picker Components PCT91EL Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
PCTxL Rev A 7/30/14
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCT91xL
PCT91xL
CHARACTERISTICS
ORDERING INFORMATION
COIL DATA
Operate Time
≤ 15 msec
Release Time
≤ 15 msec
Insulation Resistance
1,000 MΩ min @ 500VDC
Dielectric Strength
Between Contact and Coil
50 Hz 2,500V 1 minute
Between Contacts
50 Hz 1,500V 1 minute
Shock Resistance
200m/s² 11msec
Vibration Resistance
10-55 Hz Double Amplitude 1.5mm
Operating Temperature
-55⁰C to +125⁰C
Storage Temperature
-55⁰C to +155⁰C
Weight
28 grams
PCT91E (50 Amp)
Resistance
(Ohms ± 10%)
Must Operate
Pulse
Coil
Operate
Reset
Coil Voltage
Voltage Max
Magnitude
Power
Time
Time
Rated
Maximum
(VDC)
(msec)
(msec)
(msec)
(msec)
5
6
16.7
4
≥ 100
1.5
≤ 15
≤ 15
12
14.4
96
9.6
24
28.8
384
19.2
48
57.6
1,536
38.4
PCT91C/D (30/40 Amp)
Resistance
(Ohms ± 10%)
Must Operate
Pulse
Coil
Operate
Reset
Coil Voltage
Voltage Max
Magnitude
Power
Time
Time
Rated
Maximum
(VDC)
(msec)
(msec)
(msec)
(msec)
5
6
28
4
≥ 50
0.9
≤ 15
≤ 15
12
14.4
160
9.6
24
28.8
960
19.2
48
57.6
2,560
38.4
Example:
PCT91EL
-1C
-12
S
L
-X
Model: PCT91EL (50 Amp)
PCT91DL (40 Amp)
PCT91CL (30 Amp)
Contact Form: 1A (SPST-NO)
1B (SPST-NC)
1C (SPDT BBM)
Coil Voltage: 5, 12, 24, 48
Enclosure: S: Sealed, E: Covered
Package Height: Nil: Standard, L: Low Profile
Coil Sensitivity: Nil: PCT90EL (50 Amp) 1.5 Watt
Nil: PCT90DL (40 Amp) 0.9 Watt
Nil: PCT90CL (30 Amp) 0.9 Watt
Coil: Nil: Single Coil Latching, Double Coil not available at this time
RoHS Compliant: -X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com