Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54FCT533D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT533D
Description  Octal Transparent Latch with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT533D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54FCT533D Datasheet HTML 1Page - National Semiconductor (TI) 54FCT533D Datasheet HTML 2Page - National Semiconductor (TI) 54FCT533D Datasheet HTML 3Page - National Semiconductor (TI) 54FCT533D Datasheet HTML 4Page - National Semiconductor (TI) 54FCT533D Datasheet HTML 5Page - National Semiconductor (TI) 54FCT533D Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54FCT533
Octal Transparent Latch with TRI-STATE® Outputs
General Description
The FCT533 consists of eight latches with TRI-STATE out-
puts for bus organized system applications. The flip-flops ap-
pear transparent to the data when Latch Enable (LE) is
HIGH. When LE is low, the data satisfying the input timing re-
quirements is latched. Data appears on the bus when the
Output Enable (OE) is LOW. When OE is HIGH, the bus out-
put is in the high impedance state.
Features
n Eight latches in a single package
n TTL input and output level compatible
n CMOS power consumption
n TRI-STATE outputs drive bus lines or buffer memory
address registers
n Output sink capability of 32mA, source capability of 12
mA
n Inverted version of the FCT373
n Standard Microcircuit Drawing (SMD) 5962-8865101
Logic Symbols
Pin
Names
Description
D
0–D7
Data Inputs
LE
Latch Enable Input
OE
Output Enable Input
O
0–O7
TRI-STATE Latch
Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100969-1
IEEE/IEC
DS100969-2
September 1998
© 1998 National Semiconductor Corporation
DS100969
www.national.com


Similar Part No. - 54FCT533D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT521 NSC-54FCT521 Datasheet
187Kb / 8P
8-Bit Identity Comparator
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540D NSC-54FCT540D Datasheet
125Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540F NSC-54FCT540F Datasheet
125Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540L NSC-54FCT540L Datasheet
125Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54FCT533D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
74LVX373 NSC-74LVX373 Datasheet
141Kb / 8P
Low Voltage Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
Octal D-Type Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com