Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85TO3GP Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # 85TO3GP
Description  Fast Switching Characteristic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

85TO3GP Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  85TO3GP Datasheet HTML 1Page - Advanced Power Electronics Corp. 85TO3GP Datasheet HTML 2Page - Advanced Power Electronics Corp. 85TO3GP Datasheet HTML 3Page - Advanced Power Electronics Corp. 85TO3GP Datasheet HTML 4Page - Advanced Power Electronics Corp. 85TO3GP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼
▼
▼
▼
Low Gate Charge
BVDSS
30V
▼
▼
▼
▼
Simple Drive Requirement
RDS(ON)
6mΩ
▼
▼
▼
▼
Fast Switching Characteristic
ID
75A
▼
▼
▼
▼
RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
1.4
℃/W
Rthj-a
40
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃/W
Data & specifications subject to change without notice
AP85T03GS/P-HF
Thermal Data
Parameter
Operating Junction Temperature Range
Storage Temperature Range
Drain Current, VGS @ 10V
55
Pulsed Drain Current
1
350
Total Power Dissipation
107
-55 to 175
Linear Derating Factor
Gate-Source Voltage
+20
Drain Current, VGS @ 10V
75
Rating
Halogen-Free Product
Drain-Source Voltage
30
201501157
0.7
1
-55 to 175
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
Parameter
G
D
S
G
D
S
TO-263(S)
G
D
S
TO-220(P)
AP85T03 series are from Advanced Power innovated design and silicon
process technology to achieve the lowest possible on-resistance and
fast switching performance. It provides the designer with an extreme
efficient device for use in a wide range of power applications.
The TO-263 package is widely preferred for all commercial-industrial
surface mount applications using infrared reflow technique and suited
for high current application due to the low connection resistance. The
through-hole
version
(AP85T03GP)
are
available
for
low-profile
applications.


Similar Part No. - 85TO3GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
85TO3GP A-POWER-85TO3GP Datasheet
105Kb / 4P
Simple Drive Requirement
More results

Similar Description - 85TO3GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com