Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433CEC Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT64BS1X433CEC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433CEC Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433CEC Datasheet HTML 9Page - Aeroflex Circuit Technology UT64BS1X433CEC Datasheet HTML 10Page - Aeroflex Circuit Technology UT64BS1X433CEC Datasheet HTML 11Page - Aeroflex Circuit Technology UT64BS1X433CEC Datasheet HTML 12Page - Aeroflex Circuit Technology UT64BS1X433CEC Datasheet HTML 13Page - Aeroflex Circuit Technology UT64BS1X433CEC Datasheet HTML 14Page - Aeroflex Circuit Technology UT64BS1X433CEC Datasheet HTML 15Page - Aeroflex Circuit Technology UT64BS1X433CEC Datasheet HTML 16Page - Aeroflex Circuit Technology UT64BS1X433CEC Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
AC CHARACTERISTICS (Pre and Post-Radiation)*
(VDD = 3.3V + 0.3V; VSS < VIN < VDD; -55°C < TC < +125°C); Unless otherwise noted, TC is per the temperature range ordered
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25°C per MIL-STD-883 Method 1019,
Condition A up to the maximum TID level procured.
1. Not tested. The propagation delay through the channel is based upon the RC time constant of the maximum channel resistance and switch ON capacitance; 11
Ω
and 17pF.
SYMBOL
DESCRIPTION
CONDITIONS
MIN
MAX
UNITS
tP,BUS1
Bussed signals propagation
delay
From any mA input to any mBn output
--
187
ps
tON1
Bussed signals ON time
From BANK to any mBn output; ROMS
and RAMS static
RL=50Ω, CL=50pF
1.7
6.2
ns
tOFF1
Bussed signals OFF time
From BANK to any mBn output; ROMS
and RAMS static
RL=50Ω, CL=50pF
1.7
5.7
ns
tON2
Bussed signals ON time
From ROMS or RAMS to any mBn out-
put; BANK static
RL=50Ω, CL=50pF
1.7
6.2
ns
tOFF2
Bussed signals OFF time
From ROMS or RAMS to any mBn out-
put; BANK static
RL=50Ω, CL=50pF
1.7
5.7
ns
tPLH1
Logic output low-to-high
delay
From ASEL, BSEL, or BANK to any
CS; ROMS and RAMS static
RL=50Ω, CL=50pF
2.0
7.5
ns
tPHL1
Logic output high-to-low
delay
From ASEL, BSEL, or BANK to any
CS; ROMS and RAMS static
RL=50Ω, CL=50pF
2.0
7.5
ns
tPLH2
Logic output low-to-high
delay
From ROMS or RAMS to any CS;
ASEL, BSEL, and BANK static
RL=50Ω, CL=50pF
2.0
7.5
ns
tPHL2
Logic output high-to-low
delay
From ROMS or RAMS to any CS;
ASEL, BSEL, and BANK static
RL=50Ω, CL=50pF
2.0
7.5
ns
tPLH3
Buffered output low-to-
high delay
From XIN to any XOUT or YIN to any
YOUT
RL=50Ω, CL=50pF
1.0
4.0
ns
tPHL3
Buffered output high-to-
low delay
From XIN to any XOUT or YIN to any
YOUT
RL=50Ω, CL=50pF
1.0
4.0
ns
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com