Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1940 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1940
Description  Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1940 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1940 Datasheet HTML 9Page - Linear Technology LT1940 Datasheet HTML 10Page - Linear Technology LT1940 Datasheet HTML 11Page - Linear Technology LT1940 Datasheet HTML 12Page - Linear Technology LT1940 Datasheet HTML 13Page - Linear Technology LT1940 Datasheet HTML 14Page - Linear Technology LT1940 Datasheet HTML 15Page - Linear Technology LT1940 Datasheet HTML 16Page - Linear Technology LT1940 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1940
13
1940i
Soft-Start and Shutdown
The RUN/SS (Run/Soft-Start) pins are used to place the
individual switching regulators and the internal bias cir-
cuits in shutdown mode. They also provide a soft-start
function. To shut down either regulator, pull the RUN/SS
pin to ground with an open-drain or collector. If both
RUN/SS pins are pulled to ground, the LT1940 enters its
shutdown mode with both regulators off and quiescent
current reduced to ~30
µA. Internal 2µA current sources
pull up on each pin. If either pin reaches ~0.5V, the internal
bias circuits start and the quiescent current increases to
~3.5mA.
If a capacitor is tied from the RUN/SS pin to ground, then
the internal pull-up current will generate a voltage ramp on
this pin. This voltage clamps the VC pin, limiting the peak
switch current and therefore input current during start up.
A good value for the soft-start capacitor is COUT/10,000,
where COUT is the value of the output capacitor.
The RUN/SS pins can be left floating if the shutdown
feature is not used. They can also be tied together with a
single capacitor providing soft-start. The internal current
sources will charge these pins to ~2.5V.
Power Good Indicators and Output Sequence
The PG pin is the open collector output of an internal
comparator. PG remains low until the FB pin is within 10%
of the final regulation voltage. Tie the PG pin to any supply
with a pull-up resistor that will supply less than 250
µA.
Note that this pin will be open when the LT1940 is placed
in shutdown mode (both RUN/SS pins at ground) regard-
less of the voltage at the FB pin. Power good is valid when
the LT1940 is enabled (either RUN/SS pin is high) and VIN
is greater than ~2.4V.
The PG pin can be used to sequence the two switching
regulators. The circuit in Figure 6 provides soft-start and
sequencing with the fewest components. PG1 is tied to
VC2, preventing switcher 2 from operating until output 1 is
in regulation. A single capacitor provides the soft-start
ramp for both regulators.
Shorted Input Protection
If the inductor is chosen so that it won’t saturate exces-
sively, the LT1940 will tolerate a shorted output. There is
another situation to consider in systems where the output
will be held high when the input to the LT1940 is absent.
If the VIN and one of the RUN/SS pins are allowed to float,
then the LT1940’s internal circuitry will pull its quiescent
current through its SW pin. This is fine if your system can
tolerate a few mA of load in this state. With both RUN/SS
pins grounded, the LT1940 enters shutdown mode and
the SW pin current drops to ~30
µA. However, if the VIN pin
is grounded while the output is held high, then parasitic
diodes inside the LT1940 can pull large currents from the
output through the SW pin and the VIN pin. A Schottky
diode in series with the input to the LT1940 will protect the
LT1940 and the system from a shorted or reversed input.
Figure 6. The Power Good Comparator can be used to Sequence
the Two Regulators. Switcher 1 will Start First.
OFF
1940 F06
RUN/SS1
RUN/SS2
PG2
VC2
PG1
POWER GOOD
ON
VOUT2
GND
VIN
VIN
VOUT
SW
LT1940
D4
PARASITIC DIODE
1940 F07
Figure 7.Diode D4 Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com