Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3455 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3455
Description  Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3455 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3455 Datasheet HTML 9Page - Linear Technology LTC3455 Datasheet HTML 10Page - Linear Technology LTC3455 Datasheet HTML 11Page - Linear Technology LTC3455 Datasheet HTML 12Page - Linear Technology LTC3455 Datasheet HTML 13Page - Linear Technology LTC3455 Datasheet HTML 14Page - Linear Technology LTC3455 Datasheet HTML 15Page - Linear Technology LTC3455 Datasheet HTML 16Page - Linear Technology LTC3455 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3455
13
3455f
APPLICATIO S I FOR ATIO
ceramic capacitance may be connected to the VMAX pin
without difficulty. More than 50
µF requires using a capaci-
tor with some ESR or adding some resistance in series
with some of the ceramic capacitance. This is necessary to
ensure loop stability in the battery charger loop when
under USB power.
Using the VMAX Pin to Power Other Devices
The VMAX pin can be used to provide power for other
devices within the system. This pin is connected to the
battery when no external power is available, and it is
connected to either the USB bus or the wall adapter when
either are available. This ensures that all devices powered
from VMAX will always draw power from the best available
input power source.
The internal PMOS connecting VMAX to the battery is
current limited to 900mA at startup (to minimize in-rush
current) and to 4A once VMAX has risen close to the battery
voltage. Because of the reduced startup current limit, the
turn-on of other devices powered from VMAX should
always be delayed to minimize the currrent initially needed
from the VMAX pin. The best choice is to enable these
devices from either switcher output, since the turn-on of
both switchers is always delayed until the VMAX pin has
reached the VBAT pin voltage. The VMAX pin is discharged
to ground when the LTC3455 is shut down, so that any
device supplied by VMAX will have its input grounded
during shutdown. This ensures output disconnect for all
supply voltages within the system.
Startup and Shutdown when Battery-Powered
When only battery power is available, the LTC3455 turns
on when either the ON pin is pulled low or the PWRON pin
is pulled high. Either of these pins will keep the device
running, but typically the ON and PWRON pins are used
together to provide turn-on and turn-off using a single
momentary-on push-button switch. Figure 2 shows the
method for using a momentary-on pushbutton to turn the
LTC3455 off and on.
When the momentary-on switch is first pressed, shorting
the ON pin to ground, PBSTAT goes low and the LTC3455
first brings up the VMAX pin, then enables Switcher 1 to
power the microcontroller. Once up and running, the
microcontroller provides the PWRON signal to keep the
LTC3455 turned on after the push-button is released.
When the push-button is pressed again to turn off the
device, the PBSTAT pin is pulled low to notify the micro-
controller that the push-button has been pressed. The
microcontroller prepares for shutdown then pulls the
PWRON signal low. When the push-button is released, the
ON pin goes high and the LTC3455 turns off. The ON and
PWRON pins enable Switcher 1 (along with all the internal
circuits needed for normal operation), and the ON2 pin
enables Switcher 2. Switcher 2 can only operate when
Switcher 1 is also enabled. The turn-on of both switchers
is always delayed until the VMAX pin has reached the VBAT
pin voltage.
Figure 2. Momentary Push-Button Operation
24
ON
23
19
ON2
22
PWRON
PBSTAT
SWITCHER 2
ENABLED
SWITCHER 1
ENABLED
LTC3455
3455 F02
PUSH
BUTTON
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com