Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3455EUF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3455EUF
Description  Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3455EUF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3455EUF Datasheet HTML 12Page - Linear Technology LTC3455EUF Datasheet HTML 13Page - Linear Technology LTC3455EUF Datasheet HTML 14Page - Linear Technology LTC3455EUF Datasheet HTML 15Page - Linear Technology LTC3455EUF Datasheet HTML 16Page - Linear Technology LTC3455EUF Datasheet HTML 17Page - Linear Technology LTC3455EUF Datasheet HTML 18Page - Linear Technology LTC3455EUF Datasheet HTML 19Page - Linear Technology LTC3455EUF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC3455
16
3455f
Switching Regulator Inductor Selection
Many different sizes and shapes of inductors are available
from numerous manufacturers. Choosing the right induc-
tor from such a large selection of devices can be over-
whelming, but following a few basic guidelines will make
the selection process much simpler. To maximize effi-
ciency, choose an inductor with a low DC resistance. Keep
in mind that most inductors that are very thin or have a very
small volume typically have much higher core and DCR
losses, and will not give the best efficiency.
Choose an inductor with a DC current rating at least 1.5
times larger than the maximum load current to ensure that
the inductor does not saturate during normal operation.
Table 1 shows several inductors that work well with the
LTC3455. These inductors offer a good compromise in
current rating, DCR and physical size. Consult each manu-
facturer for detailed information on their entire selection of
inductors.
APPLICATIO S I FOR ATIO
Table 1. Recommended Inductors
Max
Max
Inductor
L
IDC
DCR
Height
Type
(
µH)
(A)
(
Ω)
(mm)
Manufacturer
DB318C
4.7
0.86
0.1
1.8
Toko
10
0.58
0.18
1.8
(847)297-0070
www.toko.com
CLS4D09
4.7
0.75
0.19
1
Sumida
10
0.5
0.37
1
(847)956-0666
www.sumida.com
CDRH3D16
4.7
0.9
0.11
1.8
Sumida
10
0.55
0.21
1.8
SD12
4.7
1.29
0.12
1.2
Cooper
10
0.82
0.28
1.2
(561)752-5000
www.cooperet.com
ELT5KT
4.7
1
0.2
1.2
Panasonic
10
0.68
0.36
1.2
(408)945-5660
www.panasonic.com
Switching Regulator Output Capacitor Selection
Low ESR (equivalent series resistance) ceramic capaci-
tors should be used at both switching regulator outputs.
Only X5R or X7R ceramic capacitors should be used
because they retain their capacitance over wider voltage
and temperature ranges than other ceramic types. A 10
µF
output capacitor is sufficient for most applications. Table
2 shows a list of several ceramic capacitor manufacturers.
Consult each manufacturer for detailed information on
their entire selection of ceramic capacitors. Many manu-
facturers now offer very thin (<1mm tall) ceramic capaci-
tors ideal for use in height-restricted designs.
VBAT Pin Capacitor Selection
For the VBAT pin, a 4.7µF to 10µF ceramic capacitor is the
best choice. Only X5R or X7R ceramic capacitors should
be used.
VMAX Pin Capacitor Selection
For the VMAX pin, a 10µF ceramic capacitor is the best
choice. Only X5R or X7R ceramic capacitors should be
used. Do not use less than 10
µF on this pin. For some
designs it may be desirable to use a larger capacitor
connected to VMAX to act as a reservoir when the LTC3455
is USB powered. Up to 50
µF of ceramic capacitance may
be connected to the VMAX pin without difficulty. More than
50
µF requires using a capacitor with some ESR (like a
Tantalum or OS-CON) or adding some resistance in series
with some of the ceramic capacitance. This is necessary
to ensure loop stability in the battery charger loop when
under USB power.
Table 2. Recommended Ceramic Capacitor Manufacturers
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
TDK
(888) 835-6646
www.tdk.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com