Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54FCT573 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT573
Description  Octal D-Type Latch with TRI-STATE Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT573 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54FCT573 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54FCT573
Octal D-Type Latch with TRI-STATE® Outputs
General Description
The ’FCT573 is an octal latch with buffered common Latch
Enable (LE) and buffered common Output Enable (OE) in-
puts.
This device is functionally identical to the ’FCT373 but has
different pinouts.
Features
n Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
n Useful as input or output port for microprocessors
n TTL input and output level compatible
n CMOS power consumption
n Functionally identical to ’FCT373
n TRI-STATE outputs for bus interfacing
n Output sink capability of 32 mA, source capability of
12 mA
n Standard Microcircuit Drawing (SMD) 5962-8863901
Ordering Code
Military
Package
Package Description
Number
54FCT573DMQB
J20A
20-Lead Ceramic Dual-In-Line
54FCT573FMQB
W20A
20-Lead Cerpack
54FCT573LMQB
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagram
Pin
Names
Description
D
0–D7
Data Inputs
LE
Latch Enable Input (Active HIGH)
OE
TRI-STATE Output Enable Input
(Active LOW)
O
0–O7
TRI-STATE Latch Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment
for DIP and Cerpack
DS100951-1
Pin Assignment
for LCC
DS100951-39
August 1998
© 1999 National Semiconductor Corporation
DS100951
www.national.com


Similar Part No. - 54FCT573

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
logo
Integrated Device Techn...
54FCT574ATDBG8 IDT-54FCT574ATDBG8 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
54FCT574ATLBG8 IDT-54FCT574ATLBG8 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
54FCT574CTDBG8 IDT-54FCT574CTDBG8 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
54FCT574CTLBG8 IDT-54FCT574CTLBG8 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
More results

Similar Description - 54FCT573

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
Octal D-Type Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
Octal Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F573DM NSC-54F573DM Datasheet
166Kb / 8P
Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
TRI-STATE-R Octal D-Type Latch with Inverted Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
Octal D-Type Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
Octal Latch with Tri-State Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com