Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54526P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54526P
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54526P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54526P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54526P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54526P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54526P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54526P/FP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
Collector-emitter breakdown voltage
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
V
V
µA
—
II
V
V
V
Parameter
—
—
—
0
8
0
50
25
0.5
Limits
min
typ
max
Symbol
Unit
IC
0
0
—
—
400
200
mA
Symbol
Unit
Parameter
Test conditions
Limits
min
typ+
max
50
—
—
—
—
—
—
1000
—
1.3
0.95
0.9
2.8
1.5
—
2500
—
2.4
1.6
1.5
4.1
2.4
100
—
V
mA
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
ns
ns
—
—
12
230
—
—
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
PG
50
Ω
CL
Measured device
OPEN
VO
RL
INPUT
OUTPUT
(1) Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, ZO = 50Ω
VP = 8VP-P
(2) Input-output conditions : RL = 25
Ω, VO = 10V
(3) Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
ton
50%
50%
50%
50%
toff
INPUT
OUTPUT
“H” input voltage
“L” input voltage
VO
VIH
VIL
Output voltage
Collector current
(Current per 1 cir-
cuit when 7 circuits
are coming on si-
multaneously)
Duty Cycle
P : no more than 8%
FP : no more than 6%
Duty Cycle
P : no more than 30%
FP : no more than 25%
ICEO = 100
µA
VI = 8V, IC = 400mA
VI = 8V, IC = 200mA
VI = 10V
VI = 25V
IF = 400mA
VR = 50V
VCE = 4V, IC = 350mA, Ta = 25
°C
V (BR) CEO
VF
IR
hFE
VCE (sat)
Collector-emitter saturation voltage
Input current
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com