Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4604P Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4604P
Description  Simple Drive Requirement
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4604P Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4604P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4604P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4604P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4604P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4604P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4604P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
40V
▼ Ultra-low On-resistance
RDS(ON)
3.7mΩ
▼ Fast Switching Characteristic
ID
3
140A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
1
℃
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃
/W
Data and specifications subject to change without notice
AP4604P
Halogen-Free Product
201412181
400
80
140
Parameter
Rating
Drain-Source Voltage
40
Total Power Dissipation
150
-55 to 175
Gate-Source Voltage
+20
Pulsed Drain Current
1
Drain Current, VGS @ 10V
3
Drain Current (Chip)
Drain Current, VGS @ 10V
3
80
Parameter
1
Total Power Dissipation
2.4
Storage Temperature Range
Operating Junction Temperature Range
-55 to 175
Thermal Data
G
D
S
G
D
S
TO-220(P)
AP4604 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal
resistance and low package cost contribute to the worldwide
popular package.
G
D
S
G
D
S
TO-220(P)
AP4604 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal
resistance and low package cost contribute to the worldwide
popular package.
.


Similar Part No. - AP4604P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4604A APME-AP4604A Datasheet
1Mb / 10P
20V NP-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP4604I A-POWER-AP4604I Datasheet
110Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4604IN A-POWER-AP4604IN Datasheet
110Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4604P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
Simple Drive Requirement, Simple Drive Requirement
AP0103GMT-HF A-POWER-AP0103GMT-HF_16 Datasheet
53Kb / 5P
Simple Drive Requirement
AP0803GMT-HF A-POWER-AP0803GMT-HF_16 Datasheet
52Kb / 5P
Simple Drive Requirement
AP11N50I A-POWER-AP11N50I_16 Datasheet
59Kb / 5P
Simple Drive Requirement
AP85U03GMT-HF A-POWER-AP85U03GMT-HF_16 Datasheet
99Kb / 5P
Simple Drive Requirement
AP2304AGN-HF A-POWER-AP2304AGN-HF_16 Datasheet
63Kb / 5P
Simple Drive Requirement
AP2309GN-HF A-POWER-AP2309GN-HF_16 Datasheet
103Kb / 5P
Simple Drive Requirement
AP92T12GP-HF A-POWER-AP92T12GP-HF_16 Datasheet
52Kb / 5P
Simple Drive Requirement
AP92U03GP-HF A-POWER-AP92U03GP-HF_16 Datasheet
53Kb / 5P
Simple Drive Requirement
AP94T07GI-HF A-POWER-AP94T07GI-HF Datasheet
99Kb / 5P
Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com