Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F533FCX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F533FCX
Description  Octal Transparent Latch with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F533FCX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F533FCX Datasheet HTML 1Page - National Semiconductor (TI) 74F533FCX Datasheet HTML 2Page - National Semiconductor (TI) 74F533FCX Datasheet HTML 3Page - National Semiconductor (TI) 74F533FCX Datasheet HTML 4Page - National Semiconductor (TI) 74F533FCX Datasheet HTML 5Page - National Semiconductor (TI) 74F533FCX Datasheet HTML 6Page - National Semiconductor (TI) 74F533FCX Datasheet HTML 7Page - National Semiconductor (TI) 74F533FCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
40
67
90
40
120
40
100
ns
tPHL
Dn to On
25
44
70
25
90
25
80
tPLH
Propagation Delay
50
71
110
50
140
50
130
ns
tPHL
LE to On
30
47
70
30
90
30
80
tPZH
Output Enable Time
20
59
100
20
125
20
110
ns
tPZL
20
56
75
20
105
20
85
tPHZ
Output Disable Time
15
34
65
15
85
15
70
ns
tPLZ
15
27
55
15
75
15
65
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
20
20
20
ns
ts(L)
Dn to LE
20
20
20
th(H)
Hold Time HIGH or LOW
30
30
30
ns
th(L)
Dn to LE
30
30
30
tw(H)
LE Pulse Width HIGH
60
60
60
ns
Ordering Information
The device number is used to form part of a simplified purchasing code where a package type and temperature range are
defined as follows
74F
533
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
X e Devices shipped in 13 reels
54F e Military
QB e Military grade device with
environmental and burn-in
Device Type
processing shipped in tubes
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com