Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3420 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3420
Description  Lithium-Ion Battery Charge Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3420 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3420 Datasheet HTML 7Page - National Semiconductor (TI) LM3420 Datasheet HTML 8Page - National Semiconductor (TI) LM3420 Datasheet HTML 9Page - National Semiconductor (TI) LM3420 Datasheet HTML 10Page - National Semiconductor (TI) LM3420 Datasheet HTML 11Page - National Semiconductor (TI) LM3420 Datasheet HTML 12Page - National Semiconductor (TI) LM3420 Datasheet HTML 13Page - National Semiconductor (TI) LM3420 Datasheet HTML 14Page - National Semiconductor (TI) LM3420 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Compensation (Continued)
portant when analyzing closed loop stability. The minimum
and maximum room temperature values of this resistor are
specified in the Electrical Characteristics section of this data
sheet, and a curve showing the temperature coefficient is
shown in the curves section. Minimum values of R
f result in
lower phase margins.
Test Circuit
The test circuit shown in
Figure 2 can be used to measure
and verify various LM3420 parameters. Test conditions are
set by forcing the appropriate voltage at the V
OUT Set test
point and selecting the appropriate R
L or IOUT as specified in
the Electrical Characteristics section. Use a DVM at the
“measure” test points to read the data.
V
REG External Voltage Trim
The regulation voltage (V
REG) of the LM3420 can be exter-
nally trimmed by adding a single resistor from the COMP pin
to the +IN pin or from the COMP pin to the GND pin, depend-
ing on the desired trim direction. Trim adjustments up to
±10% of V
REG can be realized, with only a small increase in
the temperature coefficient. (See temperature coefficient
curve shown in
Figure 3 below.)
Formulas for selecting trim resistor values are shown below,
based on the percent of increase (%incr) or percent of de-
crease (%decr) of the output voltage from the nominal volt-
age.
For LM3420-4.2
R
increase = 22x10
5/%incr
R
decrease = (53x10
5/%decr) − 75x103
For LM3420-8.2
DS012359-7
FIGURE 2. LM3420 Test Circuit
DS012359-8
Normalized Temperature Drift with
Output Externally Trimmed
DS012359-9
Increasing V
REG
DS012359-10
Decreasing V
REG
FIGURE 4. Changing V
REG
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com