Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX87424-R2SCR Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EX87424-R2SCR
Description  IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX87424-R2SCR Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EX87424-R2SCR Datasheet HTML 1Page - Axiomtek Co., Ltd. EX87424-R2SCR Datasheet HTML 2Page - Axiomtek Co., Ltd. EX87424-R2SCR Datasheet HTML 3Page - Axiomtek Co., Ltd. EX87424-R2SCR Datasheet HTML 4Page - Axiomtek Co., Ltd. EX87424-R2SCR Datasheet HTML 5Page - Axiomtek Co., Ltd. EX87424-R2SCR Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EX87000 Series
www.EtherWAN.com
3
rev. A5
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX/100BASE-FX
•IEEE802.3ab 1000BASE-T
•IEEE802.3z 1000BASE-SX/1000BASE-LX
•IEEE802.3x Full duplex and flow control
•IEEE802.1p QoS
•IEEE802.1Q Tag VLANs
•IEEE802.1w RSTP
•IEEE802.1x Port-based Network Access Control
ForwardandFilteringRate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
•1,488,100pps for 1000Mbps
PacketBufferMemory
•3M bits
ProcessingType
•Store-and-Forward
•Auto-Negotiation
•Half-duplex back-pressure and IEEE802.3x full-duplex flow
control
•Auto MDI/MDIX
AddressTableSize
•8192 MAC addresses
Power
Input
•(T): + / - 48VDC (36 - 75VDC) Internal Universal PSU
•(W): 88 - 370VDC and 90 - 264VAC Internal Universal PSU
•(C): 90 - 264VAC, 50 - 60Hz Internal Universal PSU
PowerConsumption
•42.7W Max.
Mechanical
Casing
•Metal Case
•IP30
Dimensions
•Single Power:
442mm (W) x 284mm (D) x 44.2mm (H);
17.4" (W) x 11.1" (D) x 1.74" (H)
•Redundant Power:
442mm (W) x 375mm (D) x 44.2mm (H);
17.4"(W) x 14.7" (D) x 1.74"(H)
Weight
•Single Power: 5.1Kg (11.2lbs.)
•Redundant Power: 6.2Kg (13.7lbs.)
Installation
•Rack mounting
Interface
EthernetPort
•10/100BASE-TX: 24, 16, 8 or 0 port
•100BASE-FX: 0, 4, 8, 12, 16, 20 or 24 ports
•Gigabit: 0, 2 or 4 ports
ConsolePort
•Port: One DB9 RS-232 port
LEDIndicators
•Per Unit: Power
•Per Port: Link/Activity (Green)
•Per SFP slot: Selected (Green)
Environment
OperatingTemperature
•-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
StorageTemperature
•-45°C to 85°C (-49°F to 185°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
EMI
FCCPart15B,ClassA
EN61000-6-4
EMS
EN61000-6-2
•EN61000-4-2 (ESD Standards)
•EN61000-4-3 (Radiated RFI Standards)
•EN61000-4-4 (Burst Standards)
•EN61000-4-5 (Surge Standards)
•EN61000-4-6 (Induced RFI Standards)
•EN61000-4-8 (Magnetic Field Standards)
•IEC61000-4-10 (Oscillatory wave magnetic field test)
•IEC61000-4-16 (Power frequency immunity test)
•IEC61000-4-18 (Oscillatory wave immunity test)
EnvironmentalTestCompliance
IEC60068-2-6Fc(VibrationResistance)
IEC60068-2-27Ea(Shock)
FEDSTD101CMethod5007.1(Freefallw/package)
IndustrialCompliance
IEC61850-3/IEEE1613
EN50121-4
IEC60870-2-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com